Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT646TQSOP Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT646TQSOP
Description  8-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT646TQSOP Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT646TQSOP Datasheet HTML 1Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 2Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 3Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 4Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 5Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 6Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 7Page - Texas Instruments CY74FCT646TQSOP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY54/74FCT646T
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[7]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN≤0.2V, VIN≥VCC–0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V, f1=0, Outputs Open
[10]
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current[11]
VCC=Max., One Input Toggling,
50% Duty Cycle, Outputs Open,
G=DIR=GND, GAB=GBA=GND,
VIN≤0.2V or VIN≥VCC–0.2V
0.06
0.12
mA/MHz
IC
Total Power Supply Current[12]
VCC=Max., f0=10 MHz,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=5 MHz,
G=DIR=GND, GAB=GBA=GND,
VIN≤0.2V or VIN≥VCC–0.2V
0.7
1.4
mA
VCC=Max., f0=10 MHz,
50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=5 MHz,
G=DIR=GND, GAB=GBA=GND,
VIN=3.4V or VIN=GND
1.2
3.4
mA
VCC=Max., f0=10 MHz,
50% Duty Cycle, Outputs Open,
Eight Bits Toggling at f1=5 MHz,
G=DIR=GND, GAB=GBA=GND,
VIN≤0.2V or VIN≥VCC–0.2V
2.8
5.6[13]
mA
VCC=Max., f0=10 MHz,
50% Duty Cycle, Outputs Open,
Eight Bits Toggling at f1=5 MHz,
G=DIR=GND, GAB=GBA=GND,
VIN=3.4V or VIN=GND
5.1
14.6[13]
mA
Notes:
10. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
12. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
= Quiescent Current with CMOS input levels
∆I
CC
= Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - CY74FCT646TQSOP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT646T TI1-CY74FCT646T Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT646TSOC TI1-CY74FCT646TSOC Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT646TSOCT TI1-CY74FCT646TSOCT Datasheet
725Kb / 15P
[Old version datasheet]   8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT646TQSOP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
[Old version datasheet]   8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
   8-Bit Registered Transceiver
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com