Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY54FCT841TDIP Datasheet(PDF) 1 Page - Texas Instruments

Part # CY54FCT841TDIP
Description  10-Bit Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT841TDIP Datasheet(HTML) 1 Page - Texas Instruments

  CY54FCT841TDIP Datasheet HTML 1Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 2Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 3Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 4Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 5Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 6Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 7Page - Texas Instruments CY54FCT841TDIP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10-Bit Latch
CY54/74FCT841T
SCCS035 - September 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function, pinout, and drive compatible with FCT, F, and
AM29841 logic
• FCT-C speed at 5.5 ns max. (Com’l)
FCT-B speed at 6.5 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• Matched rise and fall times
• ESD > 2000V
• Fully compatible with TTL input and output logic levels
• Sink current
64 mA (Com’l),
32 mA (Mil)
Source current
32 mA (Com’l),
12 mA (Mil)
• High-speed parallel latches
• Buffered common latch enable input
Functional Description
The FCT841T bus interface latch is designed to eliminate the
extra packages required to buffer existing latches and provide
extra data width for wider address/data paths or buses
carrying parity. The FCT841T is a buffered 10-bit wide version
of the FCT373 function.
The FCT841T high-performance interface is designed for
high-capacitance
load
drive
capability
while
providing
low-capacitance bus loading at both inputs and outputs.
Outputs are designed for low-capacitance bus loading in the
high impedance state and are designed with a power-off
disable feature to allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
D
Y0
OE
D0
LE
Q
Y1
D1
Y2
D2
Y3
D3
Y4
D4
Y5
D5
YN- 1
DN- 1
YN
DN
DQ
Q
DQ
Q
DQ
Q
DQ
Q
DQ
Q
DQ
Q
DQ
Q
LE
LE
LE
LE
LE
LE
LE
D
Y
Q
LE
D
LE
OE
10
10
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
24
23
22
21
13
14
VCC
15
DIP/QSOP/SOIC
Top View
OE
D1
D2
D3
D4
D5
D6
D7
D8
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
GND
D0
D9
Y0
Y9
LE
Functional Block Diagram
LE


Similar Part No. - CY54FCT841TDIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT841T TI1-CY54FCT841T Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - CY54FCT841TDIP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
   10-Bit Transparent Latch
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
logo
Fairchild Semiconductor
74ACT841 FAIRCHILD-74ACT841 Datasheet
71Kb / 7P
   10-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
Integrated Device Techn...
IDTQS74FCT2841AT IDT-IDTQS74FCT2841AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT LATCH
logo
National Semiconductor ...
54LS375 NSC-54LS375 Datasheet
75Kb / 3P
   4-Bit Latch
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
[Old version datasheet]   16-Bit Latch
logo
National Semiconductor ...
DM74LS375 NSC-DM74LS375 Datasheet
103Kb / 6P
   4-Bit Latch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com