Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY54FCT377TLMB Datasheet(PDF) 1 Page - Texas Instruments

Part # CY54FCT377TLMB
Description  8-Bit Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT377TLMB Datasheet(HTML) 1 Page - Texas Instruments

  CY54FCT377TLMB Datasheet HTML 1Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 2Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 3Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 4Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 5Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 6Page - Texas Instruments CY54FCT377TLMB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8-Bit Register
CY54/74FCT377T
SCCS023 - May1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
1CY54/74FCT377T
Features
• Function, pinout and drive compatible with FCT and
F logic
• FCT-C speed at 5.2 ns max. (Com’l)
FCT-A speed at 7.2 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• Matched rise and fall times
• ESD > 2000V
• Fully compatible with TTL input and output logic levels
• Sink Current
64 mA (Com’l),
32 mA (Mil)
Source Current
32 mA (Com’l),
12 mA (Mil)
• Clock Enable for address and data synchronization
application
• Eight edge-triggered D flip-flops
• Extended commercial range of
−40˚C to +85˚C
Functional Description
The FCT377T has eight triggered D-type flip-flops with
individual D inputs. The common buffered clock inputs (CP)
loads all flip-flops simultaneously when the Clock Enable (CE)
is LOW. The register is fully edge-triggered. The state of each
D input, one set-up time before the LOW-to-HIGH clock
transition, is transferred to the corresponding flip-flop’s O out-
put. The CE input must be stable only one set-up time prior to
the LOW-to-HIGH clock transition for predictable operation.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
4
8
9
10
11
12
76 5
1516 17 18
3
2
1
20
13
14
19
CP
VCC
GND
Top View
LCC
CE
O0
D0
O3
D4
O4
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
15
SOIC/QSOP
Top View
O7
O0
D0
D1
O1
O2
D2
D3
O3
D7
D6
O6
O5
D5
D4
O4
CP
CE
GND
CP
D
Q
O0
D1
D2
D3
D4
D5
D6
D7
CP
CE
O7
CP
CE
D0
O0
D1
O1
D2
O2
D3
O3
D4
O4
D5
O5
D6
O6
D7
O7
D0
CP
D
Q
O1
CP
D
Q
O2
CP
D
Q
O3
CP
D
Q
O4
CP
D
Q
O5
CP
D
Q
O6
CP
D
Q
O7
Logic Symbol


Similar Part No. - CY54FCT377TLMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT377T TI1-CY54FCT377T Datasheet
683Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
CY54FCT377T TI1-CY54FCT377T_14 Datasheet
683Kb / 12P
[Old version datasheet]   8-BIT REGISTERS
More results

Similar Description - CY54FCT377TLMB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com