Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162240CTPACT Datasheet(PDF) 7 Page - Texas Instruments

Part # 74FCT162240CTPACT
Description  16-Bit Buffers/Line Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162240CTPACT Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74FCT162240CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 9Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 10Page - Texas Instruments 74FCT162240CTPACT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74FCT162240ATPACT
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74FCT162240CTPACT
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74FCT162240CTPVCT
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74FCT162240ETPACT
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
74FCT162240ETPVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
74FCT16240ATPACTE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT162240CTPVC
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT162240ETPAC
OBSOLETE
TSSOP
DGG
48
TBD
Call TI
Call TI
CY74FCT162240ETPVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT16240ATPACT
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT16240ATPVC
ACTIVE
SSOP
DL
48
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT16240ATPVCT
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CY74FCT16240ETPVC
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
CY74FCT16240ETPVCT
OBSOLETE
SSOP
DL
48
TBD
Call TI
Call TI
FCT162240ATPACTE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
FCT162240CTPACTE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2005
Addendum-Page 1


Similar Part No. - 74FCT162240CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162240CTPACT TI1-74FCT162240CTPACT Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results

Similar Description - 74FCT162240CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI1-CY74FCT16244T_15 Datasheet
704Kb / 15P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com