Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT163H501 Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163H501
Description  18-Bit Registered Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163H501 Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163H501 Datasheet HTML 1Page - Texas Instruments CY74FCT163H501 Datasheet HTML 2Page - Texas Instruments CY74FCT163H501 Datasheet HTML 3Page - Texas Instruments CY74FCT163H501 Datasheet HTML 4Page - Texas Instruments CY74FCT163H501 Datasheet HTML 5Page - Texas Instruments CY74FCT163H501 Datasheet HTML 6Page - Texas Instruments CY74FCT163H501 Datasheet HTML 7Page - Texas Instruments CY74FCT163H501 Datasheet HTML 8Page - Texas Instruments CY74FCT163H501 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY74FCT163501
CY74FCT163H501
4
Electrical Characteristics For Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[9]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±100
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[12] VCC=Min.
VI=2.0V
–50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold Input[12] VCC=Max., VI=1.5V
±500
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=VCC
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[10]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN≤0.2V,
VIN>VCC–0.2V
VCC=Max.
+40
µA
ICC
Quiescent Power supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[11] V
CC=Max.
+350
µA
Electrical Characteristics For Balanced Drive Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
IODL
Output LOW Dynamic Current[10]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
45
180
mA
IODH
Output HIGH Dynamic Current[10]
VCC=3.3V, VIN=VIH
or VIL, VOUT=1.5V
–45
–180
mA
VOH
Output HIGH Voltage
VCC=Min., IOH= –0.1 mA
VCC–0.2
V
VCC=3.0V, IOH= –8 mA
2.4[13]
3.0
V
VCC=3.0V, IOH= –24 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL= 0.1mA
0.2
V
VCC=Min., IOL= 24 mA
0.3
0.55
Capacitance[9](TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[8]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Notes:
12. Pins with bus hold are described in Pin Description.
13. VOH=VCC – 0.6V at rated current.


Similar Part No. - CY74FCT163H501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163H244 TI-CY74FCT163H244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244 TI1-CY74FCT163H244 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPAC TI1-CY74FCT163H244CPAC Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPVC TI-CY74FCT163H244CPVC Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPVC TI1-CY74FCT163H244CPVC Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results

Similar Description - CY74FCT163H501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com