Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT163646CPVC Datasheet(PDF) 6 Page - Texas Instruments

Part # CY74FCT163646CPVC
Description  16-Bit Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163646CPVC Datasheet(HTML) 6 Page - Texas Instruments

  CY74FCT163646CPVC Datasheet HTML 1Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 2Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 3Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 4Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 5Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 6Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 7Page - Texas Instruments CY74FCT163646CPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY74FCT163646
6
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[14,15]
Parameter
Description
CY74FCT163646C
Unit
Min.
Max.
Fig. No.[16]
tPLH
tPHL
Propagation Delay Bus to Bus
1.5
5.4
ns
1, 2
tPZH
tPZL
Output Enable Time DIR or OE to Bus
1.5
7.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time DIR or OE to Bus
1.5
6.3
ns
1, 7, 8
tPLH
tPHL
Propagation Delay Clock to Bus
1.5
5.7
ns
1, 5
tPLH
tPHL
Propagation Delay SBA or SAB to Bus
1.5
6.2
ns
1,5
tSU
Set-Up Time HIGH or LOW Bus to Clock
2.0
ns
4
tH
Hold Time HIGH or LOW Bus to Clock
1.5
ns
4
tW
Clock Pulse Width HIGH or LOW
5.0
ns
6
tSK(O)
Output Skew[17]
0.5
ns
Ordering Information CY74FCT163646
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
5.4
CY74FCT163646CPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT163646CPVC/PVCT
O56
56-Lead (300-Mil) SSOP
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew any two outputs of the same package switching in the same direction. This parameter is ensured by design.


Similar Part No. - CY74FCT163646CPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652APAC TI1-CY74FCT163652APAC Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652APACT TI1-CY74FCT163652APACT Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652CPAC TI1-CY74FCT163652CPAC Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163652CPACT TI1-CY74FCT163652CPACT Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
More results

Similar Description - CY74FCT163646CPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
SN74LVCH16952A TI1-SN74LVCH16952A_08 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Integrated Device Techn...
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com