Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT163543APVC Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163543APVC
Description  16-Bit Latched Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163543APVC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163543APVC Datasheet HTML 1Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 2Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 3Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 4Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 5Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 6Page - Texas Instruments CY74FCT163543APVC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY74FCT163543
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current VCC=Max.
VIN≤0.2V,
VIN≥VCC−0.2V
0.1
10
µA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max.
VIN=VCC-0.6V
[8]
2.0
30
µA
ICCD
Dynamic Power Supply
Current[9]
VCC=Max., One Input
Toggling, 50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply Current[10]
VCC=Max., f1=10 MHz,
50% Duty Cycle, Outputs
Open, One Bit Toggling,
OE=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC-0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f1=2.5 MHz,
50% Duty Cycle, Outputs
Open, Sixteen Bits Toggling,
OE=GND
VIN=VCC or
VIN=GND
2.0
3.0[11]
mA
VIN=VCC-0.6V or
VIN=GND
2.0
3.3[11]
mA
Switching Characteristics Over the Operating Range VCC = 3.0V to 3.6V
[12,15]
CY74FCT163543A
CY74FCT163543C
Fig. No.[13]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay, Transparent Mode
A to B or B to A
1.5
6.5
1.5
5.1
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
8.0
1.5
5.6
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
9.0
1.5
7.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
7.5
1.5
6.5
ns
1, 7, 8
tSU
Set-up Time HIGH or LOW
A or B to LEAB or LEBA
2.0
2.0
ns
4
tH
Hold Time HIGH or LOW
A or B to LEAB or LEBA
2.0
2.0
ns
4
tW
LEBA or LEAB Pulse Width LOW
4.0
4.0
ns
5
tSK(O)
Output Skew[14]
0.5
0.5
ns
Notes:
8.
Per TTL driven input; all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10.
=
IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0NC /2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
NC
=
Number of clock inputs changing at f1
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same directional. This parameter is ensured by design.
15. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.


Similar Part No. - CY74FCT163543APVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500 TI1-CY74FCT163500 Datasheet
132Kb / 10P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500APVC TI-CY74FCT163500APVC Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500APVC TI1-CY74FCT163500APVC Datasheet
132Kb / 10P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT163500APVCT TI-CY74FCT163500APVCT Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
More results

Similar Description - CY74FCT163543APVC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
[Old version datasheet]   8-Bit Latched Transceiver
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
   FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com