Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT573ATSOC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT573ATSOC
Description  8-Bit Latches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT573ATSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT573ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY54/74FCT373T
CY54/74FCT573T
2
Maximum Ratings[2, 3]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –65
°C to +135°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage ........................................... –0.5V to +7.0V
DC Output Voltage......................................... –0.5V to +7.0V
DC Output Current (Maximum Sink Current/Pin) ...... 120 mA
Power Dissipation .......................................................... 0.5W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Function Table[1]
Inputs
Outputs
OE
LE
D
O
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
Operating Range
Range
Range
Ambient
Temperature
VCC
Commercial
T, AT, CT
–40
°C to +85°C
5V
± 5%
Military[4]
All
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=–32 mA
Com’l
2.0
V
VCC=Min., IOH=–15 mA
Com’l
2.4
3.3
V
VCC=Min., IOH=–12 mA
Mil
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
Com’l
0.3
0.55
V
VCC=Min., IOL=32 mA
Mil
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[6]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
II
Input HIGH Current
VCC=Max., VIN=VCC
5
µA
IIH
Input HIGH Current
VCC=Max., VIN=2.7V
±1
µA
IIL
Input LOW Current
VCC=Max., VIN=0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC=Max., VOUT=2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC=Max., VOUT=0.5V
–10
µA
IOS
Output Short Circuit Current[7]
VCC=Max., VOUT=0.0V
–60
–120
–225
mA
IOFF
Power-Off Disable
VCC=0V, VOUT=4.5V
±1
µA
Notes:
1.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = HIGH Impedance
Qn = Previous state of flip flops (Qn-1)
2.
Unless otherwise noted, these limits are over the operating free-air temperature range.
3.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
4.
TA is the “instant on” case temperature.
5.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY74FCT573ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT573ATSOC TI-CY74FCT573ATSOC Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATSOC TI1-CY74FCT573ATSOC Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATSOCT TI-CY74FCT573ATSOCT Datasheet
311Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATSOCT TI1-CY74FCT573ATSOCT Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT573ATSOC

ManufacturerPart #DatasheetDescription
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
[Old version datasheet]   8-Bit Latches
SN74100 TI-SN74100 Datasheet
127Kb / 3P
[Old version datasheet]   8-BIT BISTABLE LATCHES
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com