Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB857 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SB857
Description  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SB857 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SB857 Datasheet HTML 1Page - Savantic, Inc. 2SB857 Datasheet HTML 2Page - Savantic, Inc. 2SB857 Datasheet HTML 3Page - Savantic, Inc. 2SB857 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SB857 2SB858
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB857
-50
V(BR)CEO
Collector-emitter
breakdown voltage
2SB858
IC=-50mA; RBE=;
-60
V
V(BR)CBO
Collector-base breakdown voltage
IC=-10µA; IE=0
-70
V
V(BR)EBO
Emitter-base breakdown votage
IE=-10µA; IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-2 A;IB=-0.2 A
-1.0
V
VBE
Base-emitter voltage
IC=-1A ; VCE=-4V
-1.0
V
ICBO
Collector cut-off current
VCB=-50V; IE=0
-1
µA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
60
320
hFE-2
DC current gain
IC=-0.1A ; VCE=-4V
35
fT
Transition frequency
IC=-0.5A ; VCE=-4V
15
MHz
hFE-1 classifications
B
C
D
60-120
100-200
160-320


Similar Part No. - 2SB857

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB857 HITACHI-2SB857 Datasheet
32Kb / 5P
   Silicon PNP Triple Diffused
logo
Hi-Sincerity Mocroelect...
2SB857 HSMC-2SB857 Datasheet
34Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SB857 UTC-2SB857 Datasheet
46Kb / 4P
   SILICON PNP TRANSISTOR
logo
Renesas Technology Corp
2SB857 RENESAS-2SB857 Datasheet
145Kb / 6P
   Silicon PNP Triple Diffused
logo
Dc Components
2SB857 DCCOM-2SB857 Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SB857

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com