Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT2240CTSOC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT2240CTSOC
Description  8-Bit Buffers/Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT2240CTSOC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT2240CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT2240CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT2240CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT2240CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT2240CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT2240CTSOC Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CY74FCT2240T
CY74FCT2244T
2
]
Maximum Ratings[2, 3]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................. –65
°C to +135°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Input Voltage............................................ –0.5V to +7.0V
DC Output Voltage ......................................... –0.5V to +7.0V
DC Output Current (Maximum Sink Current/Pin) ...... 120 mA
Power Dissipation .......................................................... 0.5W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Function Table FCT2240T[1]
Inputs
Output
OEA
OEB
D
L
L
H
L
L
H
L
H
X
H
L
Z
Function Table FCT2244T[1]
Inputs
Output
OEA
OEB
D
L
L
H
L
L
H
L
H
X
L
H
Z
Operating Range
Range
Range
Ambient
Temperature
VCC
Commercial
T, AT, CT
–40
°C to +85°C
5V
± 5%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=–15 mA
Com’l
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=12 mA
Com’l
0.3
0.55
V
ROUT
Output Resistance
VCC=Min., IOL=12 mA
Com’l
20
25
40
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[6]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
II
Input HIGH Current
VCC=Max., VIN=VCC
5
µA
IIH
Input HIGH Current
VCC=Max., VIN=2.7V
±1
µA
IIL
Input LOW Current
VCC=Max., VIN=0.5V
±1
µA
IOZH
Off State HIGH-Level
Output Current
VCC=Max., VOUT=2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC=Max., VOUT=0.5V
–10
µA
IOS
Output Short Circuit Current[7]
VCC=Max., VOUT=0.0V
–60
–120
–225
mA
IOFF
Power-Off Disable
VCC=0V, VOUT=4.5V
±1
µA
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care.
2.
Unless otherwise noted, these limits are over the operating free-air temperature range.
3.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
4.
TA is the “instant on” case temperature.
5.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.


Similar Part No. - CY74FCT2240CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2240CTQCT TI1-CY74FCT2240CTQCT Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CY74FCT2240CTQCTE4 TI1-CY74FCT2240CTQCTE4 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2240CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com