Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT2543CTQCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT2543CTQCT
Description  8-Bit Latched Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT2543CTQCT Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT2543CTQCT Datasheet HTML 1Page - Texas Instruments CY74FCT2543CTQCT Datasheet HTML 2Page - Texas Instruments CY74FCT2543CTQCT Datasheet HTML 3Page - Texas Instruments CY74FCT2543CTQCT Datasheet HTML 4Page - Texas Instruments CY74FCT2543CTQCT Datasheet HTML 5Page - Texas Instruments CY74FCT2543CTQCT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CY74FCT2543T
2
Maximum Ratings[4,5]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
.....................................−65°C to +150°C
Ambient Temperature with
Power Applied
..................................................−65°C to +135°C
Supply Voltage to Ground Potential
..................−0.5V to +7.0V
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current (Maximum Sink Current/Pin) ...... 120 mA
Power Dissipation .......................................................... 0.5W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A
A-to-B Data Inputs or B-to-A Three-State Outputs
B
B-to-A Data Inputs or A-to-B Three-State Outputs
Function Table[1,2]
Inputs
Latch
Outputs
CEAB
LEAB
OEAB
A-to-B[3]
B
H
X
X
Storing
High Z
X
H
X
Storing
X
X
X
H
X
High Z
L
L
L
Transparent
Current A Inputs
L
H
L
Storing
Previous A Inputs
Operating Range
Range
Ambient
Temperature
VCC
Commercial
−40°C to +85°C
5V
± 5%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[7]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−15 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=12 mA
0.3
0.55
V
ROUT
Output Resistance
VCC=Min., IOL=12 mA
20
25
40
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[8]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VIN=VCC
5
µA
IIH
Input HIGH Current
VCC=Max., VIN=2.7V
±1
µA
IIL
Input LOW Current
VCC=Max., VIN=0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC=Max., VOUT=2.7V
15
µA
IOZL
Off State LOW-Level
Output Current
VCC=Max., VOUT=0.5V
−15
µA
IOS
Output Short Circuit Current[9]
VCC=Max., VOUT=0.0V
−60
−120
−225
mA
IOFF
Power-Off Disable
VCC=0V, VOUT=4.5V
±1
µA
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care.
2.
A-to-B data flow shown: B-to-A is the same, except using CEBA, LEBA, and OEBA.
3.
Before LEAB LOW-to-HIGH transition.
4.
Unless otherwise noted, these limits are over the operating free-air temperature range.
5.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
6.
TA is the “instant on” case temperature.


Similar Part No. - CY74FCT2543CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2543CTQCT TI-CY74FCT2543CTQCT Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2543CTQCTE4 TI-CY74FCT2543CTQCTE4 Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2543CTQCTG4 TI-CY74FCT2543CTQCTG4 Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT2543CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Texas Instruments
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
[Old version datasheet]   16-Bit Latched Transceiver
CY74FCT2543ATQCTE4 TI-CY74FCT2543ATQCTE4 Datasheet
619Kb / 14P
[Old version datasheet]   8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com