Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162827ETPACT Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT162827ETPACT
Description  20-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162827ETPACT Datasheet(HTML) 3 Page - Texas Instruments

  74FCT162827ETPACT Datasheet HTML 1Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 2Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 3Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 4Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 5Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 6Page - Texas Instruments 74FCT162827ETPACT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY74FCT16827T
CY74FCT162827T
3
Output Drive Characteristics for CY74FCT162827T
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
IODL
Output LOW Current[6]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[6]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Capacitance[5] (TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V,
VIN>VCC−0.2V
5
500
µA
∆I
CC
Quiescent Power Supply
Current (TTL inputs HIGH)
VCC=Max.
VIN=3.4V
[8]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[9]
VCC=Max.,
One Input Toggling,
50% Duty Cycle,
Outputs Open,
OE1=OE2=GND,
VIN=VCC or
VIN=GND
60
100
µA/MHz
IC
Total Power Supply Current[10]
VCC=Max.,
f1=10 MHz,
50% Duty Cycle,
Outputs Open,
One Bit Toggling,
OE1=OE2=GND
VIN=VCC or
VIN=GND
0.6
1.5
mA
VIN=3.4V or
VIN=GND
0.9
2.3
VCC=Max.,
f1=2.5 MHz,
50% Duty Cycle,
Outputs Open,
Twenty Bits Toggling,
OE1=OE2=GND
VIN=VCC or
VIN=GND
3.0
5.5[11]
VIN=3.4V or
VIN=GND
8.0
20.5[11]
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - 74FCT162827ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162827ETPACT TI1-74FCT162827ETPACT Datasheet
987Kb / 15P
[Old version datasheet]   20-Bit Buffers/Line Drivers
More results

Similar Description - 74FCT162827ETPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16827T TI1-CY74FCT16827T_15 Datasheet
987Kb / 15P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com