Electronic Components Datasheet Search |
|
2SB1009 Datasheet(PDF) 1 Page - Savantic, Inc. |
|
2SB1009 Datasheet(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SB1009 DESCRIPTION ·With TO-126 package ·Complement to type 2SD1380 APPLICATIONS ·For use in low frequency power amplifier applications PINNING PIN DESCRIPTION 1 Emitter 2 Collector;connected to mounting base 3 Base Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter -40 V VCEO Collector-emitter voltage Open base -32 V VEBO Emitter-base voltage Open collector -5 V IC Collector current (DC) -2 A Ta=25 0.1 PD Total power dissipation TC=25 10 W Tj Junction temperature 150 Tstg Storage temperature -55~150 |
Similar Part No. - 2SB1009 |
|
Similar Description - 2SB1009 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |