Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75323DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # GD75323DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75323DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button GD75323DW Datasheet HTML 3Page - Texas Instruments GD75323DW Datasheet HTML 4Page - Texas Instruments GD75323DW Datasheet HTML 5Page - Texas Instruments GD75323DW Datasheet HTML 6Page - Texas Instruments GD75323DW Datasheet HTML 7Page - Texas Instruments GD75323DW Datasheet HTML 8Page - Texas Instruments GD75323DW Datasheet HTML 9Page - Texas Instruments GD75323DW Datasheet HTML 10Page - Texas Instruments GD75323DW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GD75323
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS213A – JANUARY 1996 – REVISED JUNE 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the GD75323 in the fault condition in which the device
outputs are shorted to VDD or VSS, and the power supplies are at low and provide low-impedance paths to
ground (see Figure 15).
VDD
VSS
±15 V
Output
VDD
VSS
GD75323
GD75323
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA / EIA-232-F
10
9
8
7
6
5
4
3
2
1
GND
5DA
3RY
4DA
2RY
1RY
3DA
2DA
1DA
VCC
VSS
5DY
3RA
4DY
2RA
1RA
3DY
2DY
1DY
VDD
11
12
13
14
15
16
17
18
19
20
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
GD75323
5 V
TL16C450
ACE
1
5
6
9
12 V
– 12 V
TIA/EIA-232-F
DB9S
Connector
C2†
C5†
† See Figure 10 to select the correct values for the loading capacitors (C1, C2, C3, C4, and C5), which may be required to meet the RS-232
maximum slew-rate requirement of 30 V/
µs. The value of the loading capacitors required depends upon the line length and desired slew rate,
but is typically 330 pF.
NOTE C: To use the receivers only, VDD and VSS both must be powered or tied to ground.
C4†
C3†
C1†
Figure 16. Typical Connection


Similar Part No. - GD75323DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323DW TI1-GD75323DW Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DWG4 TI1-GD75323DWG4 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75323DWR TI1-GD75323DWR Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75323DW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com