Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8830N Datasheet(PDF) 1 Page - Texas Instruments

Part # DS8830N
Description  DUAL DIFFERENTIAL LINE DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS8830N Datasheet(HTML) 1 Page - Texas Instruments

  DS8830N Datasheet HTML 1Page - Texas Instruments DS8830N Datasheet HTML 2Page - Texas Instruments DS8830N Datasheet HTML 3Page - Texas Instruments DS8830N Datasheet HTML 4Page - Texas Instruments DS8830N Datasheet HTML 5Page - Texas Instruments DS8830N Datasheet HTML 6Page - Texas Instruments DS8830N Datasheet HTML 7Page - Texas Instruments DS8830N Datasheet HTML 8Page - Texas Instruments DS8830N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS8830, SN55183, SN75183
DUAL DIFFERENTIAL LINE DRIVERS
SLLS093D – OCTOBER 1972 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single 5-V Supply
D Differential Line Operation
D Dual Channels
D TTL Compatibility
D Short-Circuit Protection of Outputs
D Output Clamp Diodes to Terminate Line
Transients
D High-Current Outputs
D Quad Inputs
D Single-Ended or Differential AND/NAND
Outputs
D Designed for Use With Dual Differential
Drivers SN55182 and SN75182
D Designed to Be Interchangeable With
National Semiconductor DS7830 and
DS8830
description
The DS8830, SN55183, and SN75183 dual
differential line drivers are designed to provide
differential output signals with high current
capability for driving balanced lines, such as
twisted pair, at normal line impedances without
high power dissipation. These devices can be
used as TTL expander/phase splitters, because
the output stages are similar to TTL totem-pole
outputs.
The driver is of monolithic single-chip construction, and both halves of the dual circuits use common power
supply and ground terminals.
The SN55183 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
DS8830 and SN75183 are characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1C
1D
1Y
1Z
GND
VCC
2D
2C
2B
2A
2Y
2Z
SN55183 ...J OR W PACKAGE
SN75183 ...D OR N PACKAGE
DS8830 ... N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
NC
2B
NC
2A
1C
NC
1D
NC
1Y
SN55183 . . . FK PACKAGE
(TOP VIEW)
THE DS8830 AND SN55183 ARE
NOT RECOMMENDED FOR NEW DESIGNS
NC – No internal connection


Similar Part No. - DS8830N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8830N NSC-DS8830N Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
DS8830N TI1-DS8830N Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results

Similar Description - DS8830N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
[Old version datasheet]   Dual differential line drivers
SN55114 TI-SN55114 Datasheet
490Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
   Dual Differential Line Drivers
logo
Texas Instruments
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com