Selected language     English  ā–¼


T-10167 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10167
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
12
3
56
7
8
10
14
12
1 OF 1
2/23/98
T-10167
SCHEMATIC DIAGRAM:
T1/CEPT/ISDN PRI
INTERFACE
TRANSFORMER
PHYSICAL DIMENSIONS
All dimensions in inches (mm):


0$;


0$;


0,1


 ',$

7<3
7<3
0$;


 $:*


Unused pins not provided
www.rhombus-ind.com
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Surface mount version of this part
available. Part# T-11067
Parts shipped in anti-static
tubes. 33 pieces per tube
1500 V
RMS Isolation (Hi-Pot)
Primary Pins 14-12 & 5-7
Turns Ratio ( + 5% )
1:1.15CT & 1CT:1
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.5
mH
Leakage Inductance
0.6
ĀµH
Capacitance (C
W/W
)35
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.9
ohms
ET Product
10
V
ĀµS




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-14510T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-14511T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-14512T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15801T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-14513T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15801GT1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15802T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15802GT1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-10148T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-15808T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl