Selected language     English  ā–¼


T-10240 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10240
Description  T1/CEPT Pulse Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone
: (714) 898-0960 z FAX: (714) 896-0971
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
www.rhombus-ind.com
PHYSICAL DIMENSIONS
inches (mm)
SCHEMATIC DIAGRAM
Primary Pins 2-6
T1/CEPT Pulse Transformer
Turns Ratio ( + 2% )
1 : 1 (Pins 2-6:3-5) and 1 : 0.27 (Pins 2-6:3-1)
Temperature Range
0o to +70o C
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance (OCL)
20mV, @ 100.0 KHz
1.5
mH
Leakage Inductance
20mV, @ 100.0 KHz
0.40
ĀµH
Interwinding Capacitance (C
W/W)
@ 100.0 KHz
35
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
0.9
ohms
Isolation (HI-POT)
1.5 Kv
VRMS
Electrical Specifications @ 25o C
1 of 1
7/21/99
T-10240




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-966T1/CEPT PULSE TRANSFORMER 1 Rhombus Industries Inc.
T-10207T1/CEPT PULSE TRANSFORMER 1 Rhombus Industries Inc.
T-10239T1/CEPT Pulse Transformer 1 Rhombus Industries Inc.
T-706T1/CEPT PULSE TRANSFORMER 1 Rhombus Industries Inc.
T-707T1/CEPT PULSE TRANSFORMER 1 Rhombus Industries Inc.
GT0001PULSE TRANSFORMER MODULE 1 2 Green Power Solutions srl
T-50121MULTI-PURPOSE PULSE TRANSFORMER 1 Rhombus Industries Inc.
T-180PULSE TRANSFORMER 1 Rhombus Industries Inc.
T-925High Isolation Pulse Transformer 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl