Selected language     English  ā–¼


T-10256 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10256
Description  T1 Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
1 of 1
10/20/99
T1 Transformer
PARAMETER
MIN.
MAX.
UNITS
Primary Inductance (1)
2.3
mH
Pins 6-4
Leakage Inductance
2.0
ĀµH
Pins 6-4 Pins 1-3 Shorted
Interwinding Capacitance (1)
25
pF
DC Resistance (Pin 1-3)
0.23
ohms
DC Resistance (Pin 6-4)
.60
ohms
Isolation (Hi-Pot) 6 to 1
1500
V
RMS
Turns Ratio +2%
(Pin 6-4 : Pin 1-3)
2.42 : 1
1. Tested at 100 KHz & 100 mV
Schematic Diagram
4
3
5
6
1
T-10256
Designed to accommodate PMC PM4351
.500
(12.70)
MAX.
.340
(8.64)
.400
(10.16)
.350
(8.89)
MAX.
.250
MAX.
(6.35)
.080
(2.03)
.020 DIA.
(0.51)
TYP.
.115
(2.92)
MAX.
.100
(2.54)
TYP.
Physical
Dimensions
inches (mm)
Surface mount available
Part number T-10356
Parts shipped in anti-static
tubes. 50 pieces per tube
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCT40-09E07KControl Transformer UL1585 Class 2 1 TRIAD MAGNETICS
VPS24-7300POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
EP13COUPLING TRANSFORMER SERIES EP 1 List of Unclassifed Manufacturers
TEW4087LAN Matching Transformer 1 Filtran LTD
TEW4994CEPT /T1 input/output Transformer 1 Filtran LTD
TEW5318ISDN U-BUS/DNIC Input/Output Transformer 1 Filtran LTD
TPA3858Audio Line Coupling / Bridging Transformer 1 Filtran LTD
TEW5433CEPT/T1 Output Transformer 1 Filtran LTD
TEW5720CEPT/T1 Output Transformer 1 Filtran LTD
TEW6045ISDN S-Bus Input/Output Transformer 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl