Selected language     English  ▼


T-10450 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10450
Description  ISDN S Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
Turns Ratio ( + 2% )
1CT : 1CT
SCHEMATIC
DIAGRAM
PHYSICAL DIMENSIONS
inches (mm)
Unused Pins Omitted
T-10450
6/22/95
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
22
mHy
Leakage Inductance
5
µHy
Interwinding Capacitance (C
W/W)
100
pF
Distributed Capacitance (C
D)
40
pF
Primary DC Resistance
2.04
2.76
ohms
Secondary DC Resistance
2.04
2.76
ohms
Isolation (HI-POT)
4.0KV
RMS
TEST CONDITIONS:
Oscillation Voltage = 700mV
Oscillation Frequency = 10.0 KHz
Inductance measured on Primary winding. Pins 1 - 3.
MEETS THE PULSE WAVEFORM
TEMPLATE OF CCITT I.430.
Primary is Line Side
Unbalanced current at TE:
∆ Idc = 1 mA max.
Longitudinal Conversion Loss - 10KHz to 300
KHz: 60dB min.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
ISDN S Interface Transformer
REINFORCED INSULATION PER EN 41003/EN 60950




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-995ISDN "S" Interface Transformer 1 Rhombus Industries Inc.
ISJ-100BISDN - SO Miniature Interface Transformer 1 Nuvotem Talema
MSJ-400AISDN SO Compact SMD Interface Modules 1 Nuvotem Talema
T-14510T1/CEPT/ISDN PRI INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
T-1027U Interface Transformer 1 Rhombus Industries Inc.
T-1477G100BASE-T INTERFACE TRANSFORMER 1 Rhombus Industries Inc.
TEW4610ISDN S-BUS Input/Output Transformer 1 Filtran LTD
TPW5640ISDN U-Bus Input/Output Transformer 1 Filtran LTD
B78304B114ISDN Transformer 1 2 EPCOS
LTM-110ALine Interface 56kbps Modem Transformer 1 2 Nuvotem Talema

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl