Part Name
         Description
LM124

 QUADRUPLE OPERATIONAL AMPLIFIERS ( 9 Page)


TI
100% 
Zoom Out Zoom In
   
 6 page
background image
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
LM124A
LM224A
LM324A
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP §
MAX
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
V O
Input offset voltage
VCC = 5 V to 30 V,
25
°C
2
2
3
2
3
mV
VIO
Input offset voltage
CC
,
VIC = VICRmin, VO = 1.4 V
Full range
4
4
5
mV
I O
Input offset current
VO 14 V
25
°C
10
2
15
2
30
nA
IIO
Input offset current
VO = 1.4 V
Full range
30
30
75
nA
I
Input bias current
VO 14 V
25
°C
–50
–15
–80
–15
– 100
nA
IIB
Input bias current
VO = 1.4 V
Full range
– 100
– 100
– 200
nA
VICR
Common-mode input
VCC 30 V
25
°C
0 to
VCC – 1.5
0 to
VCC – 1.5
0 to
VCC – 1.5
V
VICR
voltage range
VCC = 30 V
Full range
0 to
VCC –2
0 to
VCC –2
0 to
VCC –2
V
RL = 2 kΩ
25
°C
VCC – 1.5
VCC – 1.5
VCC – 1.5
VOH
High-level output voltage
VCC = 30 V,
RL = 2 kΩ
Full range
26
26
26
V
VCC = 30 V,
RL ≥ 10 kΩ
Full range
27
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V, VO = 1 V to 11 V,
RL= ≥ 2 kΩ
Full range
25
25
15
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
70
70
80
65
80
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC/∆VIO)
25
°C
65
65
100
65
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
120
dB
VCC = 15 V,
VID = 1 V,
25
°C
–20
–20
–30
–60
–20
–30
–60
CC
,
ID
,
VO = 0
Full range
–10
–10
–10
mA
IO
Output current
VCC = 15 V,
VID = – 1 V,
25
°C
10
10
20
10
20
mA
CC
,
ID
,
VO = 15 V
Full range
5
5
5
VID = – 1 V,
VO = 200 mV
25
°C
12
12
30
12
30
µA
IOS
Short-circuit output current
VCC at 5 V,
GND at – 5 V,
VO = 0
25
°C
± 40
± 60
± 40
± 60
± 40
± 60
mA
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
VCC = 30 V,
VO = 15 V,
No load
Full range
1.4
3
1.4
3
1.4
3
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Full range is –55
°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A.
§ All typical values are at TA = 25°C.
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN1324Quadruple Operational Amplifiers 1 2 3 Panasonic Semiconductor
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 Texas Instruments
LM2900QUADRUPLE NORTON OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN6554Quadruple Operational Amplifiers 1 2 3 4 5 Panasonic Semiconductor
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
LM833LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl