Part Name
         Description
LM124

 QUADRUPLE OPERATIONAL AMPLIFIERS ( 9 Page)


TI
100% 
Zoom Out Zoom In
   
 4 page
background image
LM124, LM124A, LM224, LM224A
LM324, LM324A, LM324Y, LM2902, LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E– SEPTEMBER 1975 – REVISED FEBRUARY1997
3–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM124, LM124A
LM224, LM224A
LM324, LM324A
LM2902,
LM2902Q
UNIT
Supply voltage, VCC (see Note 1)
32
26
V
Differential input voltage, VID (see Note 2)
±32
±26
V
Input voltage, VI (either input)
– 0.3 to 32
– 0.3 to 26
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 15 V (see Note 3)
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
LM124, LM124A
– 55 to 125
Operating free air temperature range TA
LM224, LM224A
– 25 to 85
°C
Operating free-air temperature range, TA
LM324, LM324A
0 to 70
°C
LM2902, LM2902Q
– 40 to 125
Storage temperature range
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or W package
300
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, DB, N, or PW package
260
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN + with respect to IN –.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
900 mW
7.6 mW/
°C
32
°C
611 mW
497 mW
N/A
DB
775 mW
6.2 mW/
°C25°C
496 mW
403 mW
N/A
FK
900 mW
11.0 mW/
°C68°C
878 mW
713 mW
273 mW
J (LM124_ )
900 mW
11.0 mW/
°C68°C
878 mW
713 mW
273 mW
J (all others)
900 mW
8.2 mW/
°C40°C
654 mW
531 mW
N/A
N
900 mW
9.2 mW/
°C52°C
734 mW
596 mW
N/A
PW
700 mW
5.6 mW/
°C25°C
448 mW
364 mW
N/A
W
900 mW
8.0 mW/
°C
37
°C
636 mW
516 mW
196 mW
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN1324Quadruple Operational Amplifiers 1 2 3 Panasonic Semiconductor
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 Texas Instruments
LM2900QUADRUPLE NORTON OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN6554Quadruple Operational Amplifiers 1 2 3 4 5 Panasonic Semiconductor
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
LM833LOW NOISE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl