Selected language     English  Ôľ╝


T-10903G Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10903G
Description  10BASE-T/ETHERNET ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
07/02/98
1 OF 1
10BASE-T/ETHERNET ISOLATION TRANSFORMER
Turns Ratio ( +5% )
1:1
T-10903G
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
60
90
┬ÁHy
Leakage Inductance
0.2
┬ÁHy
Interwinding Capacitance (C
W/W
)10
pF
Rise Time
3
ns
ET
2.3
V
┬ÁS
Primary DC Resistance
0.25
ohms
Secondary DC Resistance
0.25
ohms
High Potential Test
2000
V
RMS
Test Conditions:
Oscillation Voltage = 20mV
Oscillation Frequency = 100.0 KHz
TRIPLE STYLE
(3 Transformers per Package)
IEEE 802.3 (10 BASE 2, 10 BASE 5)
& ECMA Compatible
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
Parts shipped in anti-static
tubes. 19 pieces per tube
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
SMD versions
available on
Tape & Reel
SCHEMATIC DIAGRAM:




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T-1080510BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-10805G10BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-1080610BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-10806G10BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-1080710BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-10807G10BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
T-1080810BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.
D6B11-10110BASE-T/ETHERNET ISOLATION TRANSFORMER 1 Rhombus Industries Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl