Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-13405 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13405
Description  ISDN S Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13405 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13405 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
ISDN S Interface Transformer
Turns Ratio ( + 2% )
1CT : 2CT
SCHEMATIC
DIAGRAM
T-13405
12/09/98
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
22
mHy
Leakage Inductance
11
µHy
Interwinding Capacitance (C
W/W)
100
pF
Distributed Capacitance (C
D)
180
pF
Primary DC Resistance
2.13
2.88
ohms
Secondary DC Resistance
4.25
5.75
ohms
Isolation (HI-POT)
2.0KV
RMS
TEST CONDITIONS:
Oscillation Voltage = 700mV
Oscillation Frequency = 10.0 KHz
Inductance measured on Primary winding. Pins 1 - 3.
MEETS THE PULSE WAVEFORM
TEMPLATE OF CCITT I.430.
Primary is Line Side
Unbalanced current at TE:
∆ Idc = 1 mA max.
Longitudinal Conversion Loss - 10KHz to 300
KHz: 60dB min.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
PHYSICAL DIMENSIONS
inches (mm)
.740 (18.80)
.710 (18.03)
MAX.
.560
(14.22)
.110
(2.79)
TYP.
.010
(0.25)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.400
(10.16)
MAX.
.360
(9.14)
MAX.
.560
(14.22)


Similar Part No. - T-13405

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13401 RHOMBUS-IND-T-13401 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-13402 RHOMBUS-IND-T-13402 Datasheet
22Kb / 1P
   ISDN S Interface Transformer
logo
List of Unclassifed Man...
T-13403 ETC-T-13403 Datasheet
18Kb / 1P
   ISDN S Interface Transformer
logo
Rhombus Industries Inc.
T-13403 RHOMBUS-IND-T-13403 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
More results

Similar Description - T-13405

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5017 BOTHHAND-S5017 Datasheet
243Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-10402 RHOMBUS-IND-T-10402 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com