Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1030CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LT1030CD
Description  QUADRUPLE LOW-POWER LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1030CD Datasheet(HTML) 1 Page - Texas Instruments

  LT1030CD Datasheet HTML 1Page - Texas Instruments LT1030CD Datasheet HTML 2Page - Texas Instruments LT1030CD Datasheet HTML 3Page - Texas Instruments LT1030CD Datasheet HTML 4Page - Texas Instruments LT1030CD Datasheet HTML 5Page - Texas Instruments LT1030CD Datasheet HTML 6Page - Texas Instruments LT1030CD Datasheet HTML 7Page - Texas Instruments LT1030CD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1030C
QUADRUPLE LOW-POWER LINE DRIVER
SLLS048F – APRIL 1989 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply Voltage . . . ±5 V to ±15 V
D Supply Current... 500 µA Typical
D Zero Supply Current When Shut Down
D Outputs Can Be Driven ±30 V
D Output Open When Off (3-State)
D 10-mA Output Drive
D Outputs of Several Devices Can Be
Connected in Parallel
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-232-F Specifications
D Designed to Be Interchangeable With
Linear Technology LT1030
description
The LT1030C is an EIA/TIA-232-F line driver that operates over a
±5-V to ±15-V supply-voltage range on low
supply current. The device can be shut down to zero supply current. Current limiting fully protects the outputs
from externally applied voltages of
±30 V. Since the output swings to within 200 mV of the positive supply and
to within 1 V of the negative supply, supply-voltage requirements are minimized.
A major advantage of the LT1030C is the high-impedance output state when the device is off or powered down.
This feature allows several different drivers on the same bus.
The device can be used as an EIA/TIA-232-F driver, micropower interface, or level translator, among others.
The LT1030C is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
LT1030CD
LT1030CN
The D package is available taped and reeled.
Add the suffix R to the device type (i.e.,
LT1030CDR).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC–
IN1
OUT1
ON/OFF
IN2
OUT2
GND
VCC+
STROBE
IN4
OUT4
NC
IN3
OUT3
D OR N PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - LT1030CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1030CD TI1-LT1030CD Datasheet
620Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
LT1030CDG4 TI1-LT1030CDG4 Datasheet
620Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
LT1030CDR TI1-LT1030CDR Datasheet
620Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
More results

Similar Description - LT1030CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1030C TI1-LT1030C_14 Datasheet
620Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVER
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com