Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DJ Datasheet(PDF) 10 Page - Texas Instruments

Part # LT1014DJ
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014DJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LT1014DJ Datasheet HTML 6Page - Texas Instruments LT1014DJ Datasheet HTML 7Page - Texas Instruments LT1014DJ Datasheet HTML 8Page - Texas Instruments LT1014DJ Datasheet HTML 9Page - Texas Instruments LT1014DJ Datasheet HTML 10Page - Texas Instruments LT1014DJ Datasheet HTML 11Page - Texas Instruments LT1014DJ Datasheet HTML 12Page - Texas Instruments LT1014DJ Datasheet HTML 13Page - Texas Instruments LT1014DJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC+ = 5 V, VCC– = 0, VO = 1.4 V, VIC = 0
(unless otherwise noted)
PARAMETER
TEST
T †
LT1014M
LT1014AM
LT1014DM
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
RS =50Ω
25
°C
90
450
90
280
250
950
VIO
Input
RS = 50Ω
Full range
400
1500
400
960
800
2000
µV
VIO
offset voltage
RS = 50Ω,
VIC = 0.1 V
125
°C
200
750
200
480
560
1200
µV
IIO
Input
25
°C
0.2
2
0.2
1.3
0.2
2
IIO
offset current
Full range
10
7
10
nA
IIB
Input
25
°C
–15
–50
–15
–35
–15
–50
nA
IIB
bias current
Full range
–120
–90
–120
VICR
Common-
mode input
25
°C
0
to 3.5
–0.3
to 3.8
0
to 3.5
–0.3
to 3.8
0
to 3.5
–0.3
to 3.8
V
VICR
mode input
voltage range
Full range
0.1
to 3
0.1
to 3
0.1
to 3
V
Output low,
No load
25
°C
15
25
15
25
15
25
Output low,
RL 600Ω to
25
°C
5
10
5
10
5
10
mV
RL = 600Ω to
GND
Full range
18
15
18
mV
VOM
Maximum
peak output
voltage swing
Output low,
Isink = 1 mA
25
°C
220
350
220
350
220
350
voltage swing
Output high,
No load
25
°C
4
4.4
4
4.4
4
4.4
Output high,
25
°C
3.4
4
3.4
4
3.4
4
V
RL = 600Ω to
GND
Full range
3.1
3.2
3.1
AVD
Large-signal
differential
voltage
amplification
VO = 5 mV to 4 V,
RL = 500Ω
25
°C
1
1
1
V/
µV
ICC
Supply current
25
°C
0.3
0.5
0.3
0.45
0.3
0.5
mA
ICC
y
per amplifier
Full range
0.65
0.55
0.65
mA
† Full range is –55
°C to 125°C.
operating characteristics, VCC± = ±15 V, VIC = 0, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate
0.2
0.4
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
24
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
22
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
0.55
µV
In
Equivalent input noise current
f = 10 Hz
0.07
pA/
√Hz


Similar Part No. - LT1014DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014D TI-LT1014D Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D TI1-LT1014D Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
LT1014D-EP TI1-LT1014D-EP Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - LT1014DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27M4 TI1-TLC27M4_15 Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com