Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-7S Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # MS-7S
Description  Double action station
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MS-7S Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  MS-7S Datasheet HTML 1Page - Gamewell-FCI by Honeywell MS-7S Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2008 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0616 Rev. B2 page 1 of 2
MS-7AF, MS-7
and MS-7S
Non-Coded, Manual
Fire Alarm Stations
An ISO 9001-2000 Company
APPROVED
FM
3023594
SIGNALING
07150-0694:261
S2465
MEA
Approved
67-02-E Vol.VIII
Description
The Gamewell-FCI MS-7 Style manual fire alarm stations
are available in a wide variety of configurations. The Sta-
tions comply with the Americans with Disabilities Act (ADA)
5-lb. maximum pull force requirement. Operating instruc-
tions and Braille text are engraved in the handle. All sta-
tions have a key lock/reset which is keyed alike with
Gamewell-FCI fire alarm control panels and other manual
fire alarm stations.
MS-7AF Velociti Addressable Station
The MS-7AF Velociti® Series addressable station is a dou-
ble action station designed for installation in the signaling
line circuit of Gamewell-FCI analog addressable control
panels. Activation of the station causes its assigned
address to register at the control panel. The door contains
an LED which flashes green in normal condition and lights
steady red when the station has been activated.* The sta-
tion features screw terminals.
MS-7ASF Velociti Addressable Station
The MS-7ASF Velociti® Series addressable station is a
single action station designed for installation in the signal-
ing line circuit of Gamewell-FCI analog addressable con-
trol panels. Activation of the station causes its assigned
address to register at the control panel. The door contains
an LED which flashes green in normal condition and lights
steady red when the station has been activated.* The sta-
tion features screw terminals.
The Velociti® Series stations use a communication proto-
col that substantially increases the speed of communica-
tion between the sensors and certain Gamewell-FCI
analog addressable fire alarm controls. These devices
operate in a grouped fashion. If one of the devices in the
group has a status change, the panel’s microprocessor
stops the group poll and focuses on the single device. The
net effect is response speed up to five times greater than
earlier designs.
MS-7 Double Action Station
The MS-7 double action station is used with conventional-
fire alarm control panels. It features a set of single pole
contacts and screw terminals for connection to an initiating
circuit.
Velociti® is a registered trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriter’s Laboratories Inc.
LEXAN® is a registered trademark of GE Plastics, a subsidiary of General
Electric Company.
Features
• Addressable stations compatible with all Gamewell-FCI
analog addressable fire alarm controls
• Conventional stations suitable for use with any UL®
Listed control panel
• Both single and double action stations available
• Tumbler lock for test and reset keyed alike with
Gamewell-FCI controls
• Surface or semi-flush mounting
• Shock and vibration resistant
• Stations (MS-7LOB) Listed for outdoor applications
• Complies with ADA pull force requirements
Only the red LED is operative in panels that do not operate
in Velociti mode.
MS-7


Similar Part No. - MS-7S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-7-140 ETC2-MS-7-140 Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
MS-7-140-Y ETC2-MS-7-140-Y Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Molex Electronics Ltd.
MS-71660-3068 MOLEX2-MS-71660-3068 Datasheet
156Kb / 3P
   EBBI 50D VT RCPT IDT 68CKT
MS-71660-3080 MOLEX2-MS-71660-3080 Datasheet
156Kb / 3P
   EBBI 50D VT RCPT IDT 80CKT
logo
Mean Well Enterprises C...
MS-75 MEANWELL-MS-75 Datasheet
344Kb / 6P
   450W/650W/1000W Modular Power
More results

Similar Description - MS-7S

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-2 GAMEWELL-FCI-MS-2 Datasheet
86Kb / 2P
   Dual action fire alarm station
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
   Double Action Hand Tool
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
   DOUBLE ACTIon HAND TOOL
A
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
   Double Action, Blind Bolt
99-589 ALCOA-99-589 Datasheet
146Kb / 2P
   Double Action, Blind Bolt
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
   SMT Double Action Switch
logo
ALPS ELECTRIC CO.,LTD.
SPEE ALPS-SPEE Datasheet
295Kb / 3P
   Horizontal Type Double Action
logo
Tyco Electronics
47417 MACOM-47417 Datasheet
51Kb / 1P
   DOUBLE ACTION HAND TOOL ASSEMBLY
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
   Momentary action switch double pole
05.01.2022
logo
SHINMEI ELECTRIC CO., L...
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
   Side Push Double Action Tactile Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com