Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATD-RL2F Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # ATD-RL2F
Description  Addressable thermal sensor, fixed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ATD-RL2F Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ATD-RL2F Datasheet HTML 1Page - Gamewell-FCI by Honeywell ATD-RL2F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0620 Rev. C3 page 2 of 2
www.gamewell-fci.com
Specifications
Size:
2.1" (5.3 cm) high x 4.1" (10.4 cm)
diameter installed in B501 base,
6.1" (15.5 cm) diameter installed in
ADB-FLF base
Shipping Weight:
4.8 oz. (137 g)
Operating
Temperature:
ATD-L2F or
ATD-RL2F
–4° F to 100° F (–20° C to 38°C)
ATD-HL2
–4° F to 150°F (–20 C to 66°C)
Sensor Spacing:
UL® approved for 50 ft. (15.2 m)
center to center
FM approved for 25 x 25 ft.
(7.6 x 7.6 m) spacing
Relative Humidity:
10 – 93% (non-condensing)
ATD-L2F
Fixed-temperature setpoint
135°F (57°C)
ATD-RL2F
Combination 135° F fixed
temperature and 15° (8.3°c) per
minute rate-of-rise°
ATD-HL2F
Fixed-temperature setpoint
190°F (88°C)
Electrical Specifications
Voltage Range:
15 - 32 volts DC peak
Standby Current: 200 mA @ 24 VDC
(without communication)
max. avg.)
.0003 A @ 24 VDC
(one communication every 5 seconds
with LED enabled)
LED Current
(max.)
.0065 A @ 24 VDC (LED lit)
Voltage Range
15 –32 volts DC peak
Specifications
Bases and Options
ADB-FLF
6.1” (15.5 cm) diameter standard base
B501
4.1” (10.4 cm) diameter flangeless base
B501BH or
B501BHT
Sounder base assembly (B501BHT
produces a Temporal Pattern) includes
B501 base
B224RB
Relay Base
Up to 14 AWG (2.0 mm2)
Relay type: Form-C
Rating:
2.0A @ 30 VDC resistive
0.3 A @ 110 VDC inductive
1.0 A @ 30 VDC inductive
B224RB
Relay Base
Dimensions:
6.2”: (15.7 cm) x 1.2” (3.0 cm)
B224BI
Isolator Base
Dimensions:
6.2” (15.7 cm) x 1.2” (3.0 cm)
Maximum 25 devices between isolator
bases
RA-400Z
Remote alarm indicator, LED
BCK-200
Black detector covers (box of 10)
Ordering Information
Model
Description
ATD-L2F
Addressable thermal sensor, fixed, 135° F
ATD-RL2F
Addressable thermal sensor, combination
fixed,135° F and 15°/minute rate-of-rise.
ATD-HL2F
Addressable thermal sensor, fixed, 190° F


Similar Part No. - ATD-RL2F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATD-1 PAIRUI-ATD-1 Datasheet
489Kb / 4P
   AC-DC Converter
ATD-10 PAIRUI-ATD-10 Datasheet
527Kb / 4P
   AC-DC Converter
ATD-12 PAIRUI-ATD-12 Datasheet
587Kb / 4P
   AC-DC Converter
ATD-15 PAIRUI-ATD-15 Datasheet
625Kb / 4P
   AC-DC Converter
ATD-20 PAIRUI-ATD-20 Datasheet
669Kb / 4P
   AC-DC Converter
More results

Similar Description - ATD-RL2F

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
   Intelligent Addressable Plug-In Thermal (Heat) Detectors
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
logo
Nuvoton Technology Corp...
NCT7717U NUVOTON-NCT7717U Datasheet
654Kb / 19P
   Thermal Sensor IC
NCT7718W NUVOTON-NCT7718W Datasheet
862Kb / 26P
   Thermal Sensor IC
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com