Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEAMSMK Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # BEAMSMK
Description  Single-ended reflected type beam smoke sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BEAMSMK Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  BEAMSMK Datasheet HTML 1Page - Gamewell-FCI by Honeywell BEAMSMK Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0623 Rev. B1 page 1 of 2
Velociti™ Series
ABD-2F and ABD-RT2F
Single-Ended Reflected Type
Beam Smoke Sensor
Description
The Gamewell-FCI Velociti™ Series, ABD-2F and addres-
sable projected beam smoke sensor is uniquely suited to
sense smoke in hostile environments or open areas with
high ceilings where spot-type sensors are unsuitable or
difficult to install and maintain. It is intended for use in the
signaling line circuits with the E3 Series® ILI-MB-E3 and
ILI-S-E3 (Velociti mode only). The ABD-2F consists of a
combination transmitter/receiver unit and a reflector.
When smoke enters the path between the unit and the
reflector, it causes a reduction in the signal, and when the
smoke level reaches the predetermined threshold, an
alarm results.
A unique single-ended reflective design offers simpler
installation than the traditional transmitter and receiver
types of beam sensors. Alignment is swiftly accomplished
via an optical sight and a 2-digit signal strength meter inte-
gral with the product. Listed for operation from –22° F to
131° F, the ABD-2F can be installed in garages, ware-
houses and other hostile environments where temperature
extremes exceed the capability of spot-type sensors.
The Velociti™ Series uses a communication protocol that
substantially increases the speed of communication
between the sensors and Gamewell-FCI analog address-
able fire alarm controls. These devices operate in a
grouped fashion. If one of the devices in the group
changes status, the panel’s microprocessor stops the
group poll and concentrates on the single device. The net
effect is response speed up to five times greater than ear-
lier designs.
The unit has four (4), standard sensitivity selections along
with two (2), Acclimate settings. When either of the two
Acclimate settings are selected, the sensor will automati-
cally adjust its sensitivity using advanced software algo-
rithms to select the optimum sensitivity for the specific
environment.
Velociti™ is a trademark and E3 Series® is a registered trademark of Honeywell
International Inc.
Features
Single-ended, reflective design
Six (6), user-selectable sensitivity levels
16 to 328 foot (4.9 to 99.9 m) detection range
Compatible with the E3 Series® ILI-MB-E3 and ILI-S-E3
Integral sensitivity test feature (ABD-2SF)
Digital display - no special tools required
User-friendly alignment procedure
Integral automatic gain control compensates for signal
deterioration from dust build-up
Remote test station (optional)
ABD-2F/RT2F
An ISO 9001-2000 Company
A PPROVED
FM
3023594
SIGNA LIN G
07260-0694:262
S1913
MEA
Approved
219-02-E Vol. VI


Similar Part No. - BEAMSMK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BEAMSMK GAMEWELL-FCI-BEAMSMK Datasheet
371Kb / 4P
   Intelligent beam smoke detector
BEAMSMK GAMEWELL-FCI-BEAMSMK Datasheet
63Kb / 2P
   Single-Ended Reflected Type Beam Smoke Sensor
More results

Similar Description - BEAMSMK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
   Single-Ended Reflected Type Beam Smoke Sensor
logo
Systemsensor advanced i...
BEAM1224 SYSTEMSENSOR-BEAM1224 Datasheet
1Mb / 13P
   Single-ended Reflected Type Projected Beam Smoke Detector
BEAM200 SYSTEMSENSOR-BEAM200 Datasheet
525Kb / 2P
   BEAM200 and BEAM200S Single-ended Reflected Type Beam Smoke Detectors
6924 SYSTEMSENSOR-6924 Datasheet
330Kb / 12P
   Projected Beam Type Smoke Detector
logo
Gamewell-FCI by Honeywe...
72223-160 GAMEWELL-FCI-72223-160 Datasheet
181Kb / 2P
   Reflective Beam Smoke Detector
BD-SS GAMEWELL-FCI-BD-SS Datasheet
371Kb / 4P
   Intelligent beam smoke detector
logo
Zhengzhou Winsen Electr...
MP-2 WINSEN-MP-2 Datasheet
729Kb / 6P
   Smoke Gas Sensor
logo
Omron Electronics LLC
EY3A-106-A OMRON-EY3A-106-A Datasheet
113Kb / 2P
   Single Beam Sensor (1 Beam: 65 mm)
EY3A-1051 OMRON-EY3A-1051 Datasheet
108Kb / 2P
   Single Beam Sensor (1 Beam: 50 mm)
EY3A-1081 OMRON-EY3A-1081 Datasheet
93Kb / 2P
   Single Beam Sensor (1 Beam: 80 mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com