Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS-SP201W Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # BBS-SP201W
Description  ExitPonit Directional Sounder with Voice Messaging
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

BBS-SP201W Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  BBS-SP201W Datasheet HTML 1Page - Gamewell-FCI by Honeywell BBS-SP201W Datasheet HTML 2Page - Gamewell-FCI by Honeywell BBS-SP201W Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60255 Rev. A page 2 of 3
www.gamewell-fci.com
Specifications
Electrical Specifications
Voltage Input:
Regulated 24 Volts
Operating Voltage Range: 16 to 33 Volts
Operating Temperature:
32 F to 120 F (0 C to 49 C)
Power Setting:
High, medium-high, medium,
medium-low, low
Mechanical Specifications
Input Terminals:
12-24 AWG
Speaker Size:
4” (101 mm)
Grille Size:
4 7/8” (127 mm)
Additional Tone Selection
Switch
Position 5
Setting
Switch
Position 6
Setting
Sound Output
On
On
Area of Refuge
On
Off
Up Stairs
Off
On
Down Stairs
Off
Off
Exit Here
Enable/Disable Selection
Switch
Position 4
Setting
Terminals 3 & 4 Sound Output
On
Open
Disabled
On
Closed
Enabled
Off
Open
Enabled
Off
Closed
Disabled
Power Setting Guide
DIP Switch
Position 1
Setting
DIP Switch
Position 2
Setting
DIP Switch
Position 3
Setting
Power
Setting
Off
Off
Off
High
On
Off
Off
Med-High
Off
On
Off
Med
Off
Off
On
Med-Low
On
On
On
Low
Language/Audible Tone Selection Guide
Rotary Switch Selection
Tone/Language
0
Audible tone/sweep
1
English
2Spanish
3French
4
English/Spanish
5
English/French
6
Korean
7
Cantonese
8
Mandarin
9
English/Cantonese
10
English/Mandarin
11
Catonese/Mandarin
12
English/Korean
13
English/Portuguese
14
English/Russian
15
English/Polish


Similar Part No. - BBS-SP201W

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BBS-SP2R GAMEWELL-FCI-BBS-SP2R Datasheet
203Kb / 2P
   Wall Speaker/Strobes
BBS-SP2W GAMEWELL-FCI-BBS-SP2W Datasheet
203Kb / 2P
   Wall Speaker/Strobes
More results

Similar Description - BBS-SP201W

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PF24V SYSTEMSENSOR-PF24V Datasheet
201Kb / 2P
   ExitPoint Directional Sounder with Voice Messaging
logo
Gamewell-FCI by Honeywe...
B200SR GAMEWELL-FCI-B200SR Datasheet
48Kb / 1P
   Sensor Sounder Base
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
   Sounder Bases
logo
Murata Manufacturing Co...
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2002 MURATA1-PKM22EPH2002_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0_V01 Datasheet
346Kb / 8P
   Specification of Piezoelectric Sounder
January 22, 2018
PKM22EPH2003 MURATA1-PKM22EPH2003_V01 Datasheet
342Kb / 8P
   Specification of Piezoelectric Sounder
December 28, 2017
PKLCS1212E4001-R1 MURATA1-PKLCS1212E4001-R1_V01 Datasheet
411Kb / 11P
   Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E40A1-R1 MURATA1-PKLCS1212E40A1-R1_V01 Datasheet
413Kb / 11P
   Specification of Piezoelectric Sounder
May 21, 2021
logo
Gamewell-FCI by Honeywe...
B200SR-LF GAMEWELL-FCI-B200SR-LF Datasheet
253Kb / 1P
   Backwards-Compatible Sounder Base
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com