Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSYS5 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # VSYS5
Description  Emergency Voice Evacuation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

VSYS5 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  VSYS5 Datasheet HTML 1Page - Gamewell-FCI by Honeywell VSYS5 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSYS for IF610
CS-2002 09/01/06
Page 1 of 2
Description
The 610VE panel’s VSYS option adds
emergency voice evacuation capabilities
to the IdentiFlex 610 (IF610) analog ad-
dressable Fire Alarm Control Panel
(FACP).
The VSYS options are integrated in the
same housing as the IF610, delivering
dependable performance in an attractive
cabinet design.
VSYS systems provide prerecorded digi-
tal alert messages, all-call, and indi-
vidual control-by-circuit (microphone).
The emergency voice evacuation capa-
bility of the IF610 is used to provide pre-
recorded natural-voice messages (VEX)
and emergency paging to facilitate or-
derly evacuation of protected areas.
Voice evacuation systems are frequently
required by the Authority Having Jurisdic-
tion (AHJ) for areas of assembly such as
auditoriums, gymnasiums, places of worship, and large meeting rooms. IF610/VSYS
systems are suited to meet these needs and the requirements of NFPA 101 for New
and Existing Assembly Occupancies.
Systems are available in 25, 50, 100, and 200-watt configurations. The IF610 with
VSYS option can be configured for one to eight speaker circuits at up to 25 watts per
circuit. Each amplifier offers an independent power supply and battery charger with
a digital message repeater (VEX).
System Operation
The VSYS option is a flexible voice solution that can be sized to meet the job require-
ments by selecting the style and number of speaker circuits and the size of the am-
plifier. The system is also available with prerecorded digital message, and includes
emergency paging capability.
The VSYS includes a three-minute message restart, which occurs automatically after
a three-minute depression of the microphone key when the digital messaging op-
tion is used.
The VSYS Emergency Voice Evacuation System may also be ordered with multiple
speaker-circuit configurations. Circuit-splitter modules allow the amplifier power to
be divided among multiple zones for efficient use and controlled zone signaling.
Splitter modules are equipped with circuit-select switches that allow for manual
selection of voice evacuation zones for emergency paging. An LED is provided for
annunciation of each zone’s status.
Enclosures can house up to 200 watts of amplification, a paging microphone, digital
voice messaging, and one or two circuit-splitter modules for up to eight Class B (Style
Y) or up to four Class A (Style Z) circuits. Circuits are rated at 25 watts each. VSYS
provides an integral battery charger for its dedicated batteries. Supervised remote
microphones are supported by the system. Speaker circuits are controlled by indi-
vidual toggle switches. A circuit identification label is provided for field-customized
circuit labeling.
Features
• Integrated voice in IF610 cabinet.
• 25, 50, 100, or 200-watt sys-
tems.
• 25-volt or 70-volt operation.
• Fully supervised amplifier.
• Multiple EVAC tones.
• Four-minute message capacity.
• Digital prerecorded voice evacua-
tion messages.
• Paging microphone with override.
• All-call function.
• Single or multiple speaker
circuits (up to eight Class A or
eight Class B maximum).
Listings
Listings and approvals below
apply to the basic VSYS/VEX
components. In some cases,
certain modules may not be
listed by certain approval agen-
cies, or listing may be in pro-
cess. Consult factory for latest
listing status.
• UL Listed: file S521.
• CSFM approved: files 7165-
1288:154, 7170-1288:153.
• MEA approved: file 149-99-E Vol.
II.
Emergency Voice Evacuation
VSYS Options for IF610 Analog
Addressable Control Panel


Similar Part No. - VSYS5

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VSY RALTRON-VSY Datasheet
56Kb / 3P
   VCXO OSCILLATOR, HCMOS, 2.5 VDC, 7x5mm Package
VSYASH-38.880 RALTRON-VSYASH-38.880 Datasheet
56Kb / 3P
   VCXO OSCILLATOR, HCMOS, 2.5 VDC, 7x5mm Package
More results

Similar Description - VSYS5

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
logo
LinkCom Manufacturing C...
FSM000100005-P3 LINKCOM-FSM000100005-P3 Datasheet
126Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100006-P22 LINKCOM-FSM000100006-P22 Datasheet
124Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100007-B2 LINKCOM-FSM000100007-B2 Datasheet
185Kb / 1P
   LED EVACUATION SIGNS SERIES
FSM000100008-B1 LINKCOM-FSM000100008-B1 Datasheet
135Kb / 1P
   LED EVACUATION SIGNS SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com