Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3487D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MC3487D
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3487D Datasheet(HTML) 1 Page - Texas Instruments

  MC3487D Datasheet HTML 1Page - Texas Instruments MC3487D Datasheet HTML 2Page - Texas Instruments MC3487D Datasheet HTML 3Page - Texas Instruments MC3487D Datasheet HTML 4Page - Texas Instruments MC3487D Datasheet HTML 5Page - Texas Instruments MC3487D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MC3487
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS098A – MAY 1980 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds Requirements of ANSI
EIA/TIA-422-B and ITU
Recommendation V.11
D 3-State, TTL-Compatible Outputs
D Fast Transition Times
D High-Impedance Inputs
D Single 5-V Supply
D Power-Up and Power-Down Protection
D Designed to Be Interchangeable With
Motorola MC3487
description
The MC3487 offers four independent differential line drivers designed to meet the specifications of ANSI
EIA/TIA-422-B and ITU Recommendation V.11. Each driver has a TTL-compatible input buffered to reduce
current and minimize loading.
The driver outputs utilize 3-state circuitry to provide high-impedance states at any pair of differential outputs
when the appropriate output enable is at a low logic level. Internal circuitry is provided to ensure a
high-impedance state at the differential outputs during power-up and power-down transition times provided the
output enable is low. The outputs are capable of source or sink currents of 48 mA.
The MC3487 is designed for optimum performance when used with the MC3486 quadruple line receiver. It is
supplied in a 16-pin dual-in-line package and operates from a single 5-V supply.
The MC3487 is characterized for operation from 0
°C to 70°C.
logic symbol
EN
EN
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
15
9
12
7
1
4
4A
3A
3, 4EN
2A
1A
1, 2EN
13
14
11
10
5
6
3
2
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
15
9
12
7
1
4
4A
3A
3, 4EN
2A
1A
1, 2EN
13
14
11
10
5
6
3
2
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1, 2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3, 4EN
3Z
3Y
3A
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - MC3487D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3487D TI-MC3487D Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487D TI-MC3487D Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487DE4 TI-MC3487DE4 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487DE4 TI-MC3487DE4 Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487DG4 TI-MC3487DG4 Datasheet
940Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - MC3487D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com