Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PID-95 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # PID-95
Description  Point Identification Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

PID-95 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  PID-95 Datasheet HTML 1Page - Gamewell-FCI by Honeywell PID-95 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2044 Rev. A page 2 of 2
www.gamewell-fci.com
Engineer’s Specifications
Addressable interface devices shall be provided for the
monitoring and supervision of contact type devices con-
nected to the Fire Alarm Control Panel. The devices shall
monitor a normally open dry contact. The addressable
interface devices shall communicate to the main control
panel via the analog addressable circuit. The interface
device shall be Gamewell-FCI PID-95 or PID-95P.
Specifications
PID-95
Standby Current:
0.0005 A
Alarm Current:
0.0015 A
Operating
Temperature:
0° C to 49° C (32°F to 120 °F)
Relative Humidity:
85%, non-condensing
Mounting:
4"
(10.16 cm) square backbox with
blank cover plate
PID-95P
Standby Current:
0.0005 A
Alarm Current:
0.0015 A
Operating
Temperature:
0° C to 49° C (32°F to 120°F)
Relative Humidity:
85%, non-condensing
Mounting:
4"
(11 cm) 4.688" (11.908 cm), double
gang Backbox.
Ordering Information
Model
Description
PID-95
Addressable point identification device for
monitoring contact devices.
PID-95P
Addressable input interface device mounted
on 4.688"
(11.908 cm) plastic plate.
70839
Trim ring for flush-mounting on the PID-95P.


Similar Part No. - PID-95

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PID-250 MEANWELL-PID-250 Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250A MEANWELL-PID-250A Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250A MEANWELL-PID-250A Datasheet
1Mb / 4P
   250W Isolated Dual Output with PFC Function
PID-250B MEANWELL-PID-250B Datasheet
442Kb / 3P
   250W Isolated Dual Output with PFC Function
PID-250B MEANWELL-PID-250B Datasheet
1Mb / 4P
   250W Isolated Dual Output with PFC Function
More results

Similar Description - PID-95

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
   Crypto Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
   13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com