Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCE-95 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # RCE-95
Description  Relay control element device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

RCE-95 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  RCE-95 Datasheet HTML 1Page - Gamewell-FCI by Honeywell RCE-95 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2045 Rev. A page 2 of 2
www.gamewell-fci.com
Mounting
The RCE-95 is designed to mount in a standard 4.688"
(11.908 cm) electrical backbox. The RCE-95 should be
mounted in an easily visible location so that the built-in
LED may be seen for quick indication of proper connection
and activation.
Engineer’s Specifications
A programmable interface device shall be provided for the
control and status reporting of programmed relay control
functions. The RCE-95 shall communicate with the Fire
Alarm Control Panel via an analog circuit (SLC) over a sin-
gle pair of wires.
The device shall provide dry contacts and positive feed-
back of the controlled equipment’s status annunciating
upon activation. It shall be Gamewell-FCI RCE-95.
Specifications
Input Power:
24 VDC from analog circuit
Standby Current:
0.0005 A
Alarm Current:
0.0015 A
Operating
Temperature:
0° C to 49°C (32°F to 120°F)
Relative Humidity:
85% non-condensing
Housing
Requirements:
4.688"
(11.908 cm) backbox
Contact Rating:
2.0 amp at 30 VDC
0.2 A at 120 VAC
Ordering Information
Model
Description
RCE-95
Relay control element device. XP95 protocol
compatible.
70839
Trim ring for flush mounting the RCE-95.
RCD
Optional
relay
control
display;
provides
annunciation of the RCE-95 control element
devices at the FACP. One needed for every
eight RCEs. Compatible only with the IF632
and IF650 FACPs


Similar Part No. - RCE-95

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RCE-SS GAMEWELL-FCI-RCE-SS Datasheet
516Kb / 4P
   Addressable Control and Relay Modules
More results

Similar Description - RCE-95

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
BCE-95 GAMEWELL-FCI-BCE-95 Datasheet
74Kb / 2P
   Building control element device
SCE-95 GAMEWELL-FCI-SCE-95 Datasheet
74Kb / 2P
   Signal Control Element
logo
Texas Instruments
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
logo
List of Unclassifed Man...
CRD3000 ETC2-CRD3000 Datasheet
909Kb / 2P
   Control Router Device
logo
EXCEL CELL ELECTRONIC C...
ETRMIT ECE-ETRMIT Datasheet
174Kb / 2P
   GENERAL CONTROL RELAY
ETRJE ECE-ETRJE Datasheet
91Kb / 2P
   GENERAL CONTROL RELAY
ETRRW ECE-ETRRW Datasheet
92Kb / 2P
   GENERAL CONTROL RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com