Electronic Components Datasheet Search |
|
RCE-95 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
RCE-95 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 2 page GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2007 Honeywell International Inc. All rights reserved. www.gamewell-fci.com CS-2045 Rev. A page 1 of 2 RCE-95 Relay Control Elements Description The Gamewell-FCI Relay Control Element (RCE-95) is the interface between the Gamewell-FCI 600 Series Fire Alarm Control Panel (FACP) analog circuits and building functions such as door holders, elevators, dampers, motors and disconnects. The RCE-95 offers feedback input points for positive confirmation of the controlled device’s activity. The RCE-95 works with all 600 Series analog addressable FACPs. For annunciation and feed- back at the panel, Gamewell-FCI offers a Relay Control Display (RCD). The RCD is only available with the IF632 and IF650 FACPs. The RCE-95 is either surface or flush mounted and has an integral LED which annunciates upon device activation. Operation The devices connect to the SLC circuit of the FACP via a two-wire non- polarized circuit. In its quiescent mode, the RCE-95 monitors its internal circuitry for status of the device itself and supervises an external control circuit for status. When a status change is detected, the event can be pro- grammed to display on the optional RCD module. When an event is reported to the control panel that requires the activation of the RCE-95, the control panel communicates via the analog circuit to the RCE-95 for activation. The integral LED is also lit for annunciation at the device. Programming The RCE-95 is programmed by setting a single DIP switch easily accessible on the RCE-95’s printed circuit board. The DIP switch is used to set the address of the device. All other programming is accomplished at the Fire Alarm Con- trol Panel, either through a laptop computer or the control panel operator’s display. Features • Compatible with the Gamewell-FCI 600 Series analog addressable FACPs. • Form-C dry relay contacts. • Event or manual controllable relay functions. • Positive feedback of relay activation. • LED annunciates activation. • Fully supervised. • Surface or flush mounting. • Field programmable. • Style 4, 6 , or 7 wiring. • Screw terminals for field wiring connections. Microsoft® Windows® is a registered trademark of Microsoft® Corporation. RCE-95 An ISO 9000-2000 Company APPROVED FM SIGNALING S521 7300-1288:147 |
Similar Part No. - RCE-95 |
|
Similar Description - RCE-95 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |