Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP95-LI Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # XP95-LI
Description  Analog XP95 line isolator with mounting base
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

XP95-LI Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  XP95-LI Datasheet HTML 1Page - Gamewell-FCI by Honeywell XP95-LI Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2051 Rev. A page 1 of 2
XP95-LI
Line Isolator
Description
The Gamewell-FCI analog addressable systems can be
wired as Style 7 (Class A) closed-loop systems. These sys-
tems can be interrogated from either end so that all devices
can remain in operation if an open circuit fault in the wiring
occurs. A short-circuit fault can potentially disable the
whole loop. By placing the Gamewell-FCI XP95-LI Line
Isolator modules along the loop, only the small section
between isolators will be affected by the short-circuit fault.
The XP95-LI line isolator mounts directly to a unique base
for ease of installation. The unique base will not accept any
other 600 Series XP95 products, eliminating the possibility
that any other XP95 Device could be installed in place of
an isolator.
Operation
The Gamewell-FCI XP95-LI line isolator uses a patented
technique to recognize a wiring short circuit by monitoring
a drop in voltage.
In standby operation, the isolator provides a two-way
power and data pathway with a low resistance of 0.4 ± 0.1
ohms in either direction. If the incoming or outgoing supply
voltage falls below 15 V ± 0.5 V, this is detected and the
line isolator from the remainder of the SLC isolates the
short circuit. The yellow LED on the isolator will then flash
at three-second intervals. The isolator continues to monitor
voltage, and when the short circuit is repaired the isolator
automatically reverts to its low-resistance condition.
The ideal number of isolators is determined by the system
layout with 50 isolator modules maximum on any signaling
line circuit (SLC).
Isolators are polarity sensitive and the positive DC supply
must be connected to terminal “L2 IN/OUT” and the nega-
tive DC supply to terminal “L1 IN/OUT”.
Features
Compatible with the Gamewell-FCI 600 Series analog
addressable fire alarm panels.
Protects the integrity of the initiating loop should a
short-circuit fault occur.
Monitors and controls up to 50 points per circuit.
Mounts in its own unique base.
Up to 50 circuit isolators can be supported on a single
SLC.
Low-profile styling.
Integral yellow LED.
XP95-LI
An ISO 9000-2000 Company
APPROVED
FM
S1195
SIGNALING
149-99-E
Approved
MEA


Similar Part No. - XP95-LI

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
131Kb / 2P
   Multi-Sensor
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
150Kb / 2P
   Analog Addressable Discovery Multi-Sensor
XP95-B6EZ GAMEWELL-FCI-XP95-B6EZ Datasheet
128Kb / 2P
   Analog Addressable Sensors
More results

Similar Description - XP95-LI

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM12 BITECH-HM12 Datasheet
100Kb / 3P
   Output Toroidal Inductors with Mounting Base
logo
PHOENIX CONTACT
2700155 PHOENIX-2700155 Datasheet
51Kb / 3P
   Outlet box with magnetic base for base mounting, black
logo
ISOCOM COMPONENTS
IS205 ISOCOM-IS205_08 Datasheet
72Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
CNY17F-1X ISOCOM-CNY17F-1X_08 Datasheet
127Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
logo
Elektron Components Ltd...
FX0326 BULGIN-FX0326 Datasheet
79Kb / 1P
   Base Mounting, PC1
logo
List of Unclassifed Man...
DF30DB40 ETC2-DF30DB40 Datasheet
84Kb / 2P
   Isolated Mounting Base
logo
Gamewell-FCI by Honeywe...
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
logo
Pepperl+Fuchs Inc.
VAZ-TUBE-BASE-70MM PF-VAZ-TUBE-BASE-70MM Datasheet
350Kb / 1P
   Stack light mounting base
logo
NHP Electrical Engineer...
5094-MB NHP-5094-MB Datasheet
498Kb / 1P
   FLEX 5000 MOUNTING BASE
8 June 2023,
logo
Pomona Electronics
2383 POMONA-2383 Datasheet
33Kb / 1P
   Miniature Insulating Binding Post With Double Mounting Base
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com