Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SV-MWS Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SV-MWS
Description  Graphical Monitoring Software and Interface Hardware System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SV-MWS Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SV-MWS Datasheet HTML 1Page - Gamewell-FCI by Honeywell SV-MWS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2150 Rev. A page 2 of 2
www.gamewell-fci.com
Specifications
Net communications and power supply:
Operating
Temperature:
+32°F to +120°F (0°C to +49°C).
Relative Humidity:
10% to 95% non-condensing.
Input Voltage:
100-240 VAC, 50/60 Hz
Power Consumption: 10 watts.
Overload Protection:
3.0A resettable fuse TVS
protection.
Battery Backup/UPS: UPS circuit with built-in trickle
charger included. Provides four
(4) hours of backup time with two
(2), 12-volt, 7.0 AH batteries (not
included).
PC hardware requirements:
PC with 750 MHz (or higher) processor, 256 MB (minimum)
RAM, 10 GB (minimum) hard drive.
CD-RW drive.
10/100 baseT Ethernet card.
19"
(48.26 cm) diagonal (minimum) monitor screen, display
set to 1024 x 768.
Operating system:
Microsoft® Windows® 2000/XP
Professional.
Ordering Information
Model
Description
SV-SWS
Single workstation system, including
operating software, SV-NC, SV-PS, and
enclosure.
SV-MWS
Multiple workstation system including up to
three workstations, including operating
software, SV-NC, SV-PS, and enclosure.
SV-MWOS
Workstation software required for each
additional workstation PC.
SV-NC-F
Net communications unit with
Gamewell-FCI driver (fiber).
SV-NC
Net communications unit with
Gamewell-FCI driver.
SV-PS
Power supply.


Similar Part No. - SV-MWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV-MPF1 ETC-SV-MPF1 Datasheet
964Kb / 3P
   How Filters Trap More Dirt
SV-MPF2 ETC-SV-MPF2 Datasheet
975Kb / 3P
   How Filters Trap More Dirt
SV-MPF2 ETC-SV-MPF2 Datasheet
964Kb / 3P
   How Filters Trap More Dirt
More results

Similar Description - SV-MWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
logo
STMicroelectronics
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
   Complete hardware and software package
January 2016 Rev 1
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
logo
SMSC Corporation
MON35W42 SMSC-MON35W42 Datasheet
213Kb / 60P
   Hardware Monitoring IC with Thermal Diode Interface
logo
ADL Embedded Solutions
ADLGS45HDS ADL-ADLGS45HDS Datasheet
663Kb / 2P
   Hardware Monitoring
logo
STMicroelectronics
AN2452 STMICROELECTRONICS-AN2452 Datasheet
1Mb / 21P
   STW8110x evaluation board and graphical user interface
logo
Nuvoton Technology Corp...
NCT7802Y NUVOTON-NCT7802Y Datasheet
2Mb / 87P
   Hardware Monitoring IC with PECI 3.0 interface
logo
STMicroelectronics
UM0759 STMICROELECTRONICS-UM0759 Datasheet
1Mb / 26P
   L9958 evaluation board and graphical user interface
logo
Nuvotem Talema
NCT7802Y TALEMA-NCT7802Y Datasheet
1Mb / 87P
   Hardware Monitoring IC NCT7802Y with PECI 3.0 interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com