Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430X11X Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430X11X
Description  MIXED SIGNAL MICROCONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X11X Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430X11X Datasheet HTML 7Page - Texas Instruments MSP430X11X Datasheet HTML 8Page - Texas Instruments MSP430X11X Datasheet HTML 9Page - Texas Instruments MSP430X11X Datasheet HTML 10Page - Texas Instruments MSP430X11X Datasheet HTML 11Page - Texas Instruments MSP430X11X Datasheet HTML 12Page - Texas Instruments MSP430X11X Datasheet HTML 13Page - Texas Instruments MSP430X11X Datasheet HTML 14Page - Texas Instruments MSP430X11X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
MSP430x11x
MIXED SIGNAL MICROCONTROLLERS
SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
Voltage applied at VCC to VSS
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any pin (see Note)
−0.3 V to VCC+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Diode current at any device terminal
±2 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (unprogrammed device)
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg (programmed device)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE: All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is applied
to the TEST pin when blowing the JTAG fuse.
recommended operating conditions
MIN
NOM
MAX
UNITS
MSP430C11x
2.5
5.5
V
Supply voltage, VCC
MSP430P112
2.7
5.5
V
Supply voltage, VCC
PMS430E112
2.7
5.5
V
Supply voltage during programming, VCC
MSP430P112
4.5
5
5.5
V
Supply voltage during programming, VCC
MSP430E112
4.5
5
5.5
V
MSP430C11x
−40
85
Operating free-air temperature range, TA
MSP430P112
−40
85
°C
Operating free-air temperature range, TA
PMS430E112
25
C
XTAL frequency, f(XTAL),(ACLK signal)
32 768
Hz
Processor frequency f(system) (PMS430P/E112) (MCLK signal)
VCC = 3 V
dc
2
MHz
Processor frequency f(system) (PMS430P/E112) (MCLK signal)
VCC = 5 V
dc
5.35
MHz
Processor frequency f(system) (MCLK signal) (MSP430C11x)
VCC = 3 V
dc
2.73
MHz
Processor frequency f(system) (MCLK signal) (MSP430C11x)
VCC = 5 V
dc
5.35
MHz
5
3
2
1
0
01
2
3
4
45
6
7
2.2 MHz
at 2.5 V
Minimum
VCC − Supply Voltage − V
5.35 MHz
at 5 V
Figure 1. C Version Frequency vs Supply Voltage
NOTE: Minimum processor frequency is defined by system clock.


Similar Part No. - MSP430X11X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X11X TI-MSP430X11X Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI1-MSP430X11X Datasheet
778Kb / 35P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430X11X1 TI-MSP430X11X1 Datasheet
619Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X2 TI-MSP430X11X2 Datasheet
917Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X2 TI-MSP430X11X2 Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X11X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com