Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67866 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 67866
Description  Fire Fighter Phone Accessories
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

67866 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  67866 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 67866 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
69429
Fire Warden Phone Station Backbox only - RED
8” x 9.5” x 3.25”
30485
Surface Door only for 69429 - RED
8” x 9.5”
30486
Flush Door only for 69429 - RED
9” x 11.75”
GV-FFPC
Fire Phone Handset Surface metal Cabinet - RED
24” x 15” x 5”
Emergency Phone System (EPS) Version
72149
EPS Backbox
9” x 14” x 4.5”
Ordering Information
Part Number
Description
30045
Fire Phone Jack on Single Gang Stainless Steel Plate
30045 -1
Fire Phone Jack on Single Gang Stainless Steel Plate w/ break glass feature
67866
Replacement glass for 30045-1 telephone jack
67712
Fire Phone Handset only - RED
GV-FFPC
Fire Phone Handset surface RED metal cabinet (houses 5 -67712s)
69429
Fire Warden Phone Station Backbox only - “A”
30485
Surface Door only for 69429 - “B”
30485-01
NYC Surface Door (Magnet) - “B”
30486
Flush Door only for 69429 - “B”
30486-01
NYC Flush Door (Magnet) - “B”
30483
Fire Warden Inner Station Handset w/ 3’ coiled cord - “C”
30484
Fire Warden Inner Station Handset w/ 3’ armored cord - “C”
30484-01
NYC Phone Assembly 3’ Armored CAble and LED Indicator - “C”
30430
“Break Glass To Open Door” glass filler plate for 30485 & 30486 - “D”
30431
Metal RED filler plate for 30485 & 30486 - “D”
69431-01
Metal RED filler plate for 30485-01 & 30486-01 - “D”
One (1) each of “A”, “B”, “C”, and “D” is needed for a complete Warden Station Assembly
CS-2171 09/01/06
Page 2
Gamewell-FCI
Tel: (203) 484-7161
12 Clintonville Road
FAX: (203) 484-7118
Northford, CT 06472
www.gamewell-fci.com
©Gamewell-FCI 2006
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell-FCI assumes no
responsibility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the
product shall always be used for actual installation. For more information, contact Gamewell-FCI.
EPS Optional Warden Stations
72148
EPS Station, push to talk armored cable phone with break glass, red, key lock cover,
surface.
72149
EPS Backbox, Red, 9”W x 14”H x 4 1/
2”D
72150
EPS Flush Flange, Red


Similar Part No. - 67866

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
6786 SENSATA-6786 Datasheet
175Kb / 5P
   -20°F to 350°F, Low Profile, Environmentally Sealed ½”
Rev:10/05/18
More results

Similar Description - 67866

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MX-TC GAMEWELL-FCI-MX-TC Datasheet
191Kb / 2P
   Fire Phone Accessories
FC00530 GAMEWELL-FCI-FC00530_14 Datasheet
109Kb / 2P
   Portable Fire Fighter?셲 Telephone Handset and Cabinet
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
   Fire retardant
logo
List of Unclassifed Man...
D1257 ETC2-D1257 Datasheet
121Kb / 2P
   Fire Annunciator
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
   Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
   Video/Security/Fire
12-Feb-2023
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
logo
STMicroelectronics
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
   FIRE LIGHTER CIRCUIT
logo
Adam Technologies, Inc.
FWC-C-S-RA ADAM-TECH-FWC-C-S-RA Datasheet
88Kb / 1P
   FIRE WIRE CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com