Electronic Components Datasheet Search |
|
30431 Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
30431 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 2 page D escription Fire Warden Stations The Gamewell Fire Warden telephones are manufactured to the usual high standard of quality that has become synony- mous with the word Gamewell. There are models to meet almost every application. All models feature the Municipal type fire alarm lock which has become familiar to fire department personnel for years or magnetic latching. In situations where access to the fire warden telephone is desirable without the use of the key, the breakglass or magnetic latching models can be provided. Either the breakglass or the non-breakglass version of the fire warden telephones is also available with armored cable. Fire Phone Jacks The remote phone jacks are available in two different varia- tions. The 30045 is a fire phone jack mounted to a single gang electrical plate. The 30045-1 has a breakglass in front of the jack to eliminate tampering. All versions of the fire warden’s telephones and phone jacks are provided with dry contacts which can be used for auxiliary functions. (Example: to disconnect the speaker closest to the phone to eliminate any unwanted audio interference while that particular phone is in use.) Fire Fighter Phone Handset The Fire Fighter Portable Handset (67712) is constructed of high impact plastic. It comes with a 6’ coiled cord with an au- dio jack connector. Five (5) handsets can be housed in the GV-FFPC. Fire Fighter Phone Cabinet The Fire Fighter Phone Cabinet (GV-FFPC) is a rugged, sur- face mount RED metal cabinet. The cabinet is lockable and is shipped with the words “FIREMAN TELEPHONES” labeled on the front of the cabinet. Shipped with a right hand hinge. The GV-FFPC has the capacity to store 5 Fire Fighter Hand- sets (67712). Fire Fighter Phone Accessories 30045 30045-1 67712 CS-2171 09/01/06 Page 1 Fire Warden Stations Fire Fighter Phone Cabinet Approvals UL Listed, MEA Approved Features • Breakglass or non-breakglass versions • Surface or flush mounting • Locked warden station • Optional armored cable phones in warden station • NYC Models • Optional warden station EPS versions - Push to talk |
Similar Part No. - 30431 |
|
Similar Description - 30431 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |