Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET70-24MCWH-FW Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # ET70-24MCWH-FW
Description  Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ET70-24MCWH-FW Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  ET70-24MCWH-FW Datasheet HTML 1Page - Gamewell-FCI by Honeywell ET70-24MCWH-FW Datasheet HTML 2Page - Gamewell-FCI by Honeywell ET70-24MCWH-FW Datasheet HTML 3Page - Gamewell-FCI by Honeywell ET70-24MCWH-FW Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and wiring information are provided for information only and are be-
lieved to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instruc-
tions shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Page 4 of 4
ET Low Profile Speakers & Strobes CS-2240
09/01/06
NOTE: All CAUTIONS and WARNINGS are identified by the symbol . All warnings are printed in bold capital letters.
PLEASE READ THESE SPECIFICATIONS AND ASSOCIATED INSTALLATION INSTRUCTIONS CAREFULLY BEFORE US-
ING, SPECIFYING OR APPLYING THIS PRODUCT. FAILURE TO COMPLY WITH ANY OF THESE INSTRUCTIONS, CAU-
TIONS OR WARNINGS COULD RESULT IN IMPROPER APPLICATION, INSTALLATION AND/OR OPERATION OF THESE
PRODUCTS IN AN EMERGENCY SITUATION, WHICH COULD RESULT IN PROPERTY DAMAGE, AND SERIOUS INJURY
OR DEATH TO YOU AND/OR OTHERS.
Ordering Information
UL
M EA
C S FM
FM
BFP
ET70- 24 MCW - FR
1 5 /3 0 /75/1 1 0
X
X
Red
W a ll
L ,O ,P,Q ,U,Y
X
X
X
*
X
ET70- 24 MCW - FW
1 5 /3 0 /75/1 1 0
X
X
W hite
W a ll
L ,O ,P,Q ,U,Y
X
X
X
*
X
ET70- 24 1575 W - FR
15 ( 75 on ax is )
X
X
Red
W a ll
L ,O ,P,Q ,U,Y
X
X
X
*
X
ET70- 24 MCW H- FR
135 /185
X
X
Re d
W all
L ,O ,P,Q ,U,Y
X
*
*
*
*
ET70- 24 MCW H- FW
135 /185
X
X
W h ite
W all
L ,O ,P,Q ,U,Y
X
*
*
*
*
ET70W P- 247 5W
7 5
X
X
Re d
W all
M
X
X
X
*
*
ET9 0 - 2 4 MCC- FW
1 5 /3 0 /7 5 /9 5
X
X
W h ite
Ce ilin g
L ,Q ,U,V ,Y
X
*
X
*
*
ET9 0 - 2 4 MCCH- FW
1 1 5 /1 7 7
X
X
W h ite
Ce ilin g
L ,Q ,U,V ,Y
X
*
*
*
*
ET70- R
--
-
Re d
W a ll/
Ce ilin g
L ,O,P,Q,U,Y
X
X
X
*
X
ET70- W
--
-
Nic ke l
W a ll/
Ce ilin g
L ,O,P,Q,U,Y
X
X
X
*
X
MO DEL
ST RO BE
CANDELA
NO N-
SYNC
SY NC
W/S M ,
MO DEL
CO LO R
WA L L /
C EIL ING
M O UNT ING
OPT IONS**
AG ENCY A P P RO V A L S
241575W
15/75cd
15cd
30cd
75cd
110cd
135cd
185cd
15cd
30cd
75cd
95cd
115cd
177cd
16 vdc
0.101
0.062
0.102
0.192
0.265
0.300
0.420
0.068 0.112 0.211 0.292
0.300
0.420
24 vdc
0.064
0.041
0.065
0.116
0.155
0.195
0.270
0.045 0.072 0.128 0.171
0.195
0.270
33 vdc
0.047
0.032
0.047
0.081
0.107
0.145
0.190
0.035 0.052 0.089 0.118
0.145
0.190
TABLE 1: AVERAGE RMS CURRENT*
ET70/ET90
SPEAKER
STROBES
24MCW
ET70 STROBE CURRENT - WALL MOUNT
24MCC
24MCCH
ET90 STROBE CURRENT - CEILING MOUNT
24MCWH
* Average RMS Current is per UL average RMS method and Average Mean Current is per UL average mean method. For rate In
Rush and Peak current across the UL listed voltage range for both filtered DC and unfiltered VRMS (FWR).
** Refer to mounting options data sheet.
w atts
1/8
1/4
1/2
1248
ET Speaker
78.3
81.5
84.4
87.2
90.1
92.8
94.9
ET Speaker Strobe
78.3
81.5
84.4
87.2
90.1
92.8
94.9
ET70WP-2475W
77
80
83
86
88
91
93
TABLE 2: ET70/ET90 UL REVERBERANT dBA @ 10 Fee t**
@ 77°F (25C)
@ -31°F
(-35C)
16.0VDC
0.150
24.0 VDC
0.102
33.0 VDC
0.085
Table 3: UL Listed Model and Candela Strobe Rating
180cd
75cd
*Rated
Average
Currenty
Voltage
Rated Strobe Candela (cd)
***dBA ratings based on UL testing under UL
Standard 1480
* Average current per actual Cooper-Wheelock production testing. For
rated average peak and inrush current across the UL Listed voltage
range for both filtered DC and unfiltered VRMS, see Installation In-
structions.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
MO D E L
NUM B E R
IN P UT
VO LT A G E
( V DC)
AV E RAG E
ME A N
CURRE NT
@ 24 V D C
MO UN T IN G
OP T ION S
SM -12/24-R
24
.028
W
DSM -12/24-R
24
.035
W
SYN C M O D E LS / P O WER SUP P LY
SM Sync Module is rated for 3.0 amperes
@ 24 VDC.
DSM Sync Module is rated for 3.0 am-
peres per circuit. The maximum number
of interconnected DSM modules is twenty
(20). Refer to Data Sheet S3000 or In-
stallation Instructions P83123 for SM and
P83177 for DSM.


Similar Part No. - ET70-24MCWH-FW

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ET70-24110W-FR GAMEWELL-FCI-ET70-24110W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-24110W-FW GAMEWELL-FCI-ET70-24110W-FW Datasheet
240Kb / 4P
   Wheelock
ET70-241575W-FR GAMEWELL-FCI-ET70-241575W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-2415W-FR GAMEWELL-FCI-ET70-2415W-FR Datasheet
240Kb / 4P
   Wheelock
ET70-2430W-FR GAMEWELL-FCI-ET70-2430W-FR Datasheet
240Kb / 4P
   Wheelock
More results

Similar Description - ET70-24MCWH-FW

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
72043 GAMEWELL-FCI-72043 Datasheet
37Kb / 2P
   SERIES ET LOW PROFILE SPEAKER STROBES
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
   Cooper-Wheelock
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
   Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
   Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
   Cooper-Wheelock
CH70-24MCW-FR GAMEWELL-FCI-CH70-24MCW-FR Datasheet
169Kb / 4P
   Wheelock CH Series Electronic Chimes & Chime Strobes
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
   Speaker/Strobes
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
   Cooper-Wheelock AS/AH Serles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com