Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34-110 Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part # M34-110
Description  Three-Fold Fire Alarm Boxes and Transmitters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

M34-110 Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

  M34-110 Datasheet HTML 1Page - Gamewell-FCI by Honeywell M34-110 Datasheet HTML 2Page - Gamewell-FCI by Honeywell M34-110 Datasheet HTML 3Page - Gamewell-FCI by Honeywell M34-110 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2261 Rev. A1 page 4 of 4
www.gamewell-fci.com
Ordering Information
Three-Fold Manual Boxes
(For interior or exterior use)
Part Number
Description
M34-52
Surface mounting, cottage shell
Master Box - Shunt Type
M34-53
Shunt Trip, surface mounting, cottage shell
M34-104
Same as M34-53 with plain door painted
red
M34-71
Shunt Trip, sheet metal housing, plain door
(less test block, tap key and bell)
Local Energy Type
M34-56
Local Energy Trip, surface mount,
cottage shell
M34-110
Same as M34-56 with plain door
painted blue
M34-111
Same as M34-56 with plain door
painted red
M34-92
Local energy trip, flush mounting,
gasket cast frame for interior or exterior
use.
M34-113
Same as M34-92 with plain door
painted blue
M34-114
Same as M34-92 with plain door
painted red
M34-75
Local Energy Trip, surface mount cottage
shell (less inner case test block, tap key
and bell)
M34-72
Local Energy Trip Transmitter, sheet metal
housing (less test block, tap key & bell)
plain door.
Ordering Information (Continued)
Accessories
Part Number Description
47375G
Indicating light, plain red globe for pedestal
mounting, 120 VAC. Order 40067 1/2"
nipple separately.
40067
1/2" nipple for use with 47375G Light
47374
Plain red globe, pole or wall mounting,
120 VAC
28295
EZYMOUNT cross brackets
28268
EZYMOUNT loose parts
28296
EZYMOUNT side brackets (2 required)
28297
Flexmount horizontal bracket
27853
Flexmount loose parts
28298
Flexmount vertical bracket


Similar Part No. - M34-110

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
M34-1L BOWIN-M34-1L Datasheet
21Kb / 2P
   M34-1L SINGLE OUTPUT LED FLASHER IC
More results

Similar Description - M34-110

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
26308 GAMEWELL-FCI-26308 Datasheet
120Kb / 1P
   Fire Alarm Box Pedestal
IPDACT-2 GAMEWELL-FCI-IPDACT-2 Datasheet
65Kb / 2P
   IP Fire Alarm Communicator
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
General Cable Technolog...
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
logo
Gamewell-FCI by Honeywe...
MS-2 GAMEWELL-FCI-MS-2 Datasheet
86Kb / 2P
   Dual action fire alarm station
logo
General Cable Technolog...
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0476 GENERAL-C0476 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0491 GENERAL-C0491 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com