Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-3 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # ST-3
Description  Intelligent Low-Flow Photoelectric Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ST-3 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  ST-3 Datasheet HTML 1Page - Gamewell-FCI by Honeywell ST-3 Datasheet HTML 2Page - Gamewell-FCI by Honeywell ST-3 Datasheet HTML 3Page - Gamewell-FCI by Honeywell ST-3 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS-PD and SS-PDR
CS-2463
10/21/04
Page 3 of 4
Sample Wiring Diagrams
*NOTE: Inlet tube is required and must be purchased separately.
Order one inlet tube for each duct smoke detector ordered.
h
t
d
i
W
t
c
u
D
e
d
i
s
t
u
O*
e
b
u
T
t
e
l
n
I
)
m
6
9
0
6
.
0
(
t
e
e
f
2
o
t
p
U5
.
1
-
T
S
)
m
2
9
1
2
.
1
o
t
6
9
0
6
.
0
(
t
e
e
f
4
o
t
23
-
T
S
)
m
4
8
3
4
.
2
o
t
2
9
1
2
.
1
(
t
e
e
f
8
o
t
45
-
T
S
)
m
6
7
5
6
.
3
o
t
4
8
3
4
.
2
(
t
e
e
f
2
1
o
t
80
1
-
T
S
SS-PD Duct
Smoke Detector
using a UL Listed
control panel
SS-PD Detector Terminals
On to other
Detectors on
the Loop
SS-PD
Please refer to manual
I56-1978-002R for
installation instructions.
SS-PDR
Please refer to manual
I56-1979-003R for
installation instructions.
SS-PD Detector
Terminals
SS-PD Duct
Smoke Detector
with optional
RA400Z
SS-PD Duct
Smoke Detector
with RTS451/
RTS451KEY
NOTE: For RTS451,
Terminal 3 is not
used. RTS451 does
not have a Terminal
6.
For RTS451KEY,
Terminals 3 and 6
are not used.
6821wir1.wmf
6821wir2.wmf


Similar Part No. - ST-3

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ST-3 SYSTEMSENSOR-ST-3 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-3 SYSTEMSENSOR-ST-3 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-3 SYSTEMSENSOR-ST-3 Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ST-3 SYSTEMSENSOR-ST-3 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-3 SYSTEMSENSOR-ST-3 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
More results

Similar Description - ST-3

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com