Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP50C34 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP50C34
Description  MIXED-SIGNAL PROCESSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C34 Datasheet(HTML) 3 Page - Texas Instruments

  MSP50C34 Datasheet HTML 1Page - Texas Instruments MSP50C34 Datasheet HTML 2Page - Texas Instruments MSP50C34 Datasheet HTML 3Page - Texas Instruments MSP50C34 Datasheet HTML 4Page - Texas Instruments MSP50C34 Datasheet HTML 5Page - Texas Instruments MSP50C34 Datasheet HTML 6Page - Texas Instruments MSP50C34 Datasheet HTML 7Page - Texas Instruments MSP50C34 Datasheet HTML 8Page - Texas Instruments MSP50C34 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MSP50C32, MSP50C33, MSP50C34
MSP50P34, MSP50C37, MSP50P37
MIXED-SIGNAL PROCESSORS
SPSS019A – MAY 1997 – REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP50C32, MSP50C33, MSP50x34 electrical characteristics over recommended ranges of supply
voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VT
Positive going threshold voltage (INIT)
VDD = 3.5 V
2
V
VT+
Positive-going threshold voltage (INIT)
VDD = 6 V
3.4
V
VT
Negative going threshold voltage (INIT)
VDD = 3.5 V
1.6
V
VT–
Negative-going threshold voltage (INIT)
VDD = 6 V
2.3
V
Vh
Hysteresis ( VT
VT ) (INIT)
VDD = 3.5 V
0.4
V
Vhys
Hysteresis (VT+ – VT– ) (INIT)
VDD = 6 V
1.1
V
IIkg
Input leakage current (except for OSC IN)
2
µA
Istandby
Standby current (INIT low, SETOFF)
10
µA
VDD = 3.3 V,
VOH = 2.75 V
2.1
IDD†
Supply current
VDD = 5 V,
VOH = 4.5 V
3.1
mA
DD
VDD = 6 V,
VOH = 5.5 V
4.5
VDD = 3.3 V,
VOH = 2.75 V
–4
–12
VDD = 5 V,
VOH = 4.5 V
–5
–14
mA
IOH
High level output current (PA PB)
VDD = 6 V,
VOH = 5.5 V
–6
–15
IOH
High-level output current (PA, PB)
VDD = 3.3 V,
VOH = 2.2 V
–8
–20
VDD = 5 V,
VOH = 3.33 V
–14
–40
mA
VDD = 6 V,
VOH = 4 V
–20
–51
VDD = 3.3 V,
VOL = 0.5 V
5
9
VDD = 5 V,
VOL = 0.5 V
5
9
mA
IOL
Low level output current (PA PB)
VDD = 6 V,
VOL = 0.5 V
5
9
IOL
Low-level output current (PA, PB)
VDD = 3.3 V,
VOL = 1.1 V
10
19
VDD = 5 V,
VOL = 1.67 V
20
29
mA
VDD = 6 V,
VOL = 2 V
25
35
VDD = 3.3 V,
VOH = 2.75 V
–30
–50
VDD = 5 V,
VOH = 4.5 V
–35
–60
mA
IOH
High level output current (D/A)
VDD = 6 V,
VOH = 5.5 V
–40
–65
IOH
High-level output current (D/A)
VDD = 3.3 V,
VOH = 2.3 V
–50
–90
VDD = 5 V,
VOH = 4 V
–90
– 140
mA
VDD = 6 V,
VOH = 5 V
– 100
– 150
VDD = 3.3 V,
VOL = 0.5 V
50
80
VDD = 5 V,
VOL = 0.5 V
70
90
mA
IOL
Low level output current (D/A)
VDD = 6 V,
VOL = 0.5 V
80
110
IOL
Low-level output current (D/A)
VDD = 3.3 V,
VOL = 1 V
100
140
VDD = 5 V,
VOL = 1 V
140
mA
VDD = 6 V,
VOL = 1 V
150
Pullup resistance
Resistors selected by software and
connected between terminal and VDD
10
20
50
k
f
(l
)
Oscillator freq enc ‡
VDD = 5 V,
TA = 25°C,
14 89
15 36
15 86
MHz
fosc(low)
Oscillator frequency‡
Target frequency = 15.36 MHz
14.89
15.36
15.86
MHz
f
(hi h)
Oscillator freq enc ‡
VDD = 5 V,
TA = 25°C,
18 62
19 2
19 7
MHz
fosc(high)
Oscillator frequency‡
Target frequency = 19.2 MHz
18.62
19.2
19.7
MHz
† Operating current assumes all inputs are tied to either VSS or VDD with no input currents due to programmed pullup resistors. The DAC output
and other outputs are open circuited.
‡ The frequency of the internal clock has a temperature coefficient of approximately – 0.2 % /
°C and a VDD coefficient of approximately ±1%/V.


Similar Part No. - MSP50C34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C30 TI-MSP50C30 Datasheet
121Kb / 8P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30 TI1-MSP50C30 Datasheet
177Kb / 11P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30PJM TI-MSP50C30PJM Datasheet
121Kb / 8P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30 TI1-MSP50C30_07 Datasheet
177Kb / 11P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results

Similar Description - MSP50C34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
logo
Texas Instruments
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com