Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH-FC1 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # DH-FC1
Description  Electromagnetic Door Holders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

DH-FC1 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  DH-FC1 Datasheet HTML 1Page - Gamewell-FCI by Honeywell DH-FC1 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DH Series CS-2482
09/01/06
Page 2 of 2
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Electrical/Mechanical Specifications
Ordering Information
Door holders:
DH-FC1
Door holder, semi-flush, chrome.
DH-FB1
Door holder, semi-flush, brass.
DH-SC1
Door holder, surface mount, chrome.
DH-SB1
Door holder, surface mount, brass.
DH-GC1
Door holder, ground mount, single-door, chrome.
DH-GB1
Door holder, ground mount, single-door, brass.
DH-GC2
Door holder, ground mount, double-door, chrome.
DH-GB2
Door holder, ground mount, double-door brass.
Extensions:
DHE1C
1" (2.54 cm) Extensions rod, chrome.
DHE1B
1" (2.54 cm) Extension rod, brass.
DHE15C
1" (2.54 cm) Extension rod, chrome.
DHE15B
1" (2.54 cm) Extension rod, brass.
DHE2C
2" (5.08 cm) Extension rod, chrome.
DHE2B
2" (5.08 cm) Extension rod, brass.
DHE3C
3" (7.62 cm) Extension rod, chrome.
DHE3B
3" (7.62 cm) Extension rod, brass.
DHE4AC
4" (10.16 cm) Adjustable extension rod, chrome.
DHE4AB
4" (10.16 cm) Adjustable extension rod, brass.
V o ltag e
D C /m A
A C /m A
T er m in a ls
LB .
K G .
12 V
0.0 4 0
0.038
C o m m o n & Lo w V o ltag e
3 0
1 3 .6
24 V
0.0 4 0
0 .0 3 6
Com m on & H igh V o lta g e
3 0
1 3 .6
24 V
0.0 2 0
0.019
C o m m o n & Lo w V o ltag e
4 0
1 8.1
12 V
0.0 2 0
Com m on & H igh V o lta g e
3 5
1 5 .8
24 V
0.0 2 0
0.019
C o m m o n & Lo w V o ltag e
4 0
1 8.1
2 20 V
0.015
Com m on & H igh V o lta g e
2 5
1 1 .3
24 V
0 .0 8 5
0.081
C o m m o n & Lo w V o ltag e
7 5
34.0
1 20 V
0.1 0 0
C o m m o n & Lo w V o ltag e
1 1 0
49 .8
N O T E : H o ld in g fo r ces lis ten in ab o v e t a b le co r r es p o n d w ith s h ad ed v a lu es ;
n o n -s h ad ed v a lu es ar e s lig h tly le s s .
H IGH H O L D IN G F O R C E /S P E C IA L A P P L IC AT IO N S :
T o obta in pe r f or m a nc e v a lu e s in ta lb e a bov e , a pply high v o lt a g e to lo w
v o lta g e te r m in a ls (C & L ). T h is c onfig ura t ion c a n o n ly be a pplie d to 1 2 & 2 4
v o lts a nd 2 4 & 1 2 0 v o lts m o de ls .
Accessories:
DHCP
Catch plate, chrome.
DHCPB
Catch plate, brass.
DHSBC
Swivel base, chrome.
DHSBB
Swivel base, brass.
DHBBC
Back box, chrome.
DHBBB
Back box, brass.
DHW
Extension wrench. (2 pieces)
DHDF
Swivel base mounting drill
fixture.


Similar Part No. - DH-FC1

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
DH-050P HIGHLY-DH-050P Datasheet
338Kb / 1P
   SNAP ACTION SWITCH TECHNOLOGY
DH-051P HIGHLY-DH-051P Datasheet
338Kb / 1P
   SNAP ACTION SWITCH TECHNOLOGY
logo
Tyco Electronics
DH-14B-3 MACOM-DH-14B-3 Datasheet
80Kb / 1P
   DH-14B-3 3PDT, 25 Amps,115/200 VAC, 400 Hz
DH-16CH MACOM-DH-16CH Datasheet
43Kb / 1P
   DH-16CH SPST, Latching,131 Amps, 31 VDC
logo
Hirose Electric
DH-17-CMB HIROSE-DH-17-CMB Datasheet
1Mb / 29P
   High speed transmission, 1mm pitch Small Interface Connector
More results

Similar Description - DH-FC1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
140-90000 GAMEWELL-FCI-140-90000 Datasheet
37Kb / 1P
   RIXSON FIREMARK ELECTROMAGNETIC DOOR RELEASE
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
logo
Soberton Inc.
ST-025BL SOBERTON-ST-025BL_17 Datasheet
433Kb / 5P
   Electromagnetic Buzzer
ST-025BLA SOBERTON-ST-025BLA_17 Datasheet
434Kb / 5P
   Electromagnetic Buzzer
WST-1310S-3 SOBERTON-WST-1310S-3 Datasheet
261Kb / 5P
   Electromagnetic Buzzer
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com