Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S08-39-01 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # S08-39-01
Description  Intelligent Low-Flow Photoelectric Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

S08-39-01 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  S08-39-01 Datasheet HTML 1Page - Gamewell-FCI by Honeywell S08-39-01 Datasheet HTML 2Page - Gamewell-FCI by Honeywell S08-39-01 Datasheet HTML 3Page - Gamewell-FCI by Honeywell S08-39-01 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS-PD and SS-PDR
CS-2463
10/21/04
Page 2 of 4
Specifications
SS-PD
Operating voltage range
15 to 32 VDC.
Standby current
300 µA @ 24 VDC (one communi-
cation every 5 seconds with LED
blink enabled).
Operating temperature range
32° to 131°F (0° to 55°C).
Relative Humidity range
10% to 93% (non-condensing).
Duct air velocity
100 to 4,000 feet/min (0.5 to 20.32
m/s).
Dimensions
14.750" (37 cm) length x 5.500" (14
cm) width x 2.750" (7 cm) deep.
Options
1. RTS-451, RTS-451KEY, RA400Z.
2. PA400 (Review installation instruc-
tions on power requirements)
.
SS-PDR
Operating voltage range
20 to 30 VDC, 24 VAC/VDC, 120/
240 VAC auxiliary power (requires
a separate auxiliary source).
Standby current
300 µA @ 24 VDC (one communi-
cation every 5 seconds with LED
blink enabled).
Operating temperature range
32° to 131°F (0° to 55°C).
Relative Humidity range
10% to 93% (non-condensing).
Duct air velocity
100 to 4,000 feet/min (0.5 to
20.32 m/s).
Dimensions
14.750" (37 cm) length x 5.500" (14
cm) width x 2.750" (7 cm) deep.
Options
1. RTS-451, RTS-451KEY, RA400Z.
2. PA400 (Review installation instruc-
tions on power requirements).
10 Amp @ 30 VDC
10 Amp @ 277 VAC (0.75 Pow er Factor)
240 VAC @ 249 VAC (0.4 Pow er Factor)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Supervisory
Contact
(SPST)
2.0 Amp @ 30 VDC (resistive)
SS-PDR: Relay Contact Ratings
Alarm
Auxiliary
Contacts *
(DPDT)
Minimum sw itching current of 100 mA @ 5 VDC.
Pow e r
Supply
Voltage
30-30VDC
24VAC,
50/60 Hz
120VAC,
50/60 Hz
220/240 VAC,
50/60 Hz
Max.
Standby
Current
26 Ma
65 mA
RMS
44 mA
RMS
25 mA RMS
Max Alarm
Current
87 mA
182 mA
RMS
52 mA
RMS
30 mA RMS
Alarm
Response
Tim e
3 to 17
Sec.
3 to 17
Sec.
3 to 17
Sec.
3 to 17 Sec.
Pow e r Up
Tim e
2 Sec.
2 Sec.
2 Sec.
2 Sec.
SS-PD: Current Requirem ents (us ing no access ories)
The RA400Z
The RTS451
The RTS451KEY
Programming
specifications
requirements for
intelligent system
control panels:
The number of devices that can
have their LEDs programmed to
illuminate is limited by the fea-
tures of the panel and the indi-
vidual devices. The actual num-
ber of devices is determined by
the control panel and its
ability to supply LED cur-
rent. Refer to the control
panel installation manual
for details.
Product Line
Information
Model
Description
SS-PD
Duct detector housing with SmartScan™
photoelectric smoke detector.
SS-PDR
Duct detector housing with SmartScan™
photoelectric smoke detector, DPDT relay.
A5053GM
Replacement photoelectric sensor board.
A5067
Replacement power board (without relay).
A5060
Replacement power board (with relay).
ST-1.5
Metal sampling tube, duct widths 1' to 2'
(see table at left for metric lengths).
ST-3
Metal sampling tube, duct widths 2' to 4'.
ST-5
Metal sampling tube, duct widths 4' to 8'.
ST-10
Metal sampling tube, duct widths 8' to 12'.
RA400Z
Remote annunciator alarm LED.
RTS451
Remote test station. Mounts in single-gang
box. Includes red alarm LED and magnet
test switch.
RTS451KEY
Key-activated remote test station.
F36-09-11
Replacement filters.
M02-04-00
Replacement test magnet.
S08-39-01
Replacement photo insect screen.


Similar Part No. - S08-39-01

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S08-46 HARWIN-S08-46 Datasheet
54Kb / 1P
   BRIDGE PIN
More results

Similar Description - S08-39-01

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com