Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71035-160 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # 71035-160
Description  Conventional Two-Wire Smoke Detectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

71035-160 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  71035-160 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 71035-160 Datasheet HTML 2Page - Gamewell-FCI by Honeywell 71035-160 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
CS-2484 Rev. B page 2 of 3
Operation (Continued)
The Gamwell Series 60 thermal detector operates as
a combination rate or rise/ fixed temperature detector
(71035 @ 135°F [57.2°C], 71035-160 @ 160°F
[71.1°C], 71035-210 @ 210°F [98.8°C]). It contains a
pair of matched temperature coefficient thermistors
within a white polycarbonate housing. One thermistor
is exposed, is in good thermal contact with the sur-
rounding air, and responds quickly to changes in air
temperature. The other thermistor is insulated from
the surrounding air and responds more slowly. The
detector responds as a rate-of-rise detector when a
temperature difference develops rapidly, causing the
ratio of the resistances of the thermistors to exceed
the factory preset level. The detector responds as a
fixed temperature detector when the sum of the
resistances of the insulated thermistor and fixed
resistor compared to the resistance of the exposed
thermistor reaches a preset level.
The Gamewell 71041 combination photo/heat detec-
tor incorporates the principles of the 71033 photo-
electric smoke detector with the fixed temperature
characteristics found in the 71035 thermal detector.
The Series 60 conventional detector bases will
accept any Series 60 detector heads. The bases
have a wide interior diameter for ease of access to
wire and terminals. The design of the base is such
that the detector will fit in one way only and that a
simple clockwise motion is required to plug in a
detector.
The 71036 base (4.0" [10.16 cm) will mount directly
to a 3.5" (8.89 cm) octagonal box (Raco 110 or
equal) or a 4.0" (10.16 cm) octagonal box (Raco 125
or equal) with a round cover/plaster ring (Raco 727
or equal). The other Series 60 bases (6.0" [15.24cm])
will mount directly to a 3.5" (8.89 cm) octagonal box
(Raco 110 or equal); to a 4.0" (10.16 cm) octagonal
box (Raco 125 or equal); or to a 4.0" (10.16 cm)
square backbox (Raco 190 or equal).
Engineering Specifications
General Specification:
The contractor shall furnish and install where indi-
cated on the plans, (insert TYPE/MODEL NUMBER
below). The combination detector head and twist lock
base shall be UL Listed as compatible with the alarm
panel. The base shall permit interchange with
Gamewell’s other Series 60 detectors to facilitate
modifications to the installation. The detector shall
contain an integral LED that latches when the unit
goes into alarm. RF transient techniques shall be
employed to minimize false alarms.
TYPE/MODEL NUMBER:
The contractor shall furnish and install where indi-
cated on plans, bases which are compatible with all
available Series 60 detectors.
Standard 4.0" (10.16 cm),
6.0"(15.24 cm), and
6.0"(15.24 cm) low-profile bases (Gamewell 71036,
71086, and 71086-LOW, respectively) shall use stan-
dard screw/crimp style terminals and shall provide
terminals for remote LEDs.
Where indicated on the plans, the contractor shall
furnish bases with a power-indicating flashing LED in
the base (Gamewell 71086-RED or 71086-GREEN)
which shall use standard screw/crimp style terminals
and shall provide terminals for remote LEDs. When
required, the contractor shall furnish Gamewell
71393 bases with a power indicating flashing green
LED in the base plus a relay with two sets of voltage-
free change over contacts (Form-C), may be used as
a two-or four-wire base, shall use standard screw/
crimp style terminals and shall provide terminals for
remote LEDs.
Where indicated on the plans, the contractor shall
furnish bases Gamewell 71086-SNDR with a sepa-
rately powered (24 volt) internal sounder rated at
85 dB @ 10 feet
(3.048 m). The bases shall use stan-
dard screw/crimp style terminals and shall provide
terminals for remote LEDs.
Ionization
(Dual chamber) smoke detectors
Gamewell 71034.
Photoelectric
Smoke detectors Gamewell 71033
Photoelectric smoke detectors
Gamewell 71033 using a horizontal
optical bench housing the infrared
emitter and sensor arranged radially
to detect forward scattering light.
Combination
photoelectric/
heat
Detector Gamewell 71443 using a
horizontal optical bench along with
fixed temperature (135°F [57.2°C])
capabilities.
Fixed
temperature/
rate-of-rise
Electronic thermal detector
Gamewell 71035 (135°F [57.2°C])
or 71035-160 (160°F [71.1°C]) or
71035-210 (210°F[98.8°C]).


Similar Part No. - 71035-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7103 ETC1-7103 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7103 FILTRAN-7103 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7103 COTO-7103 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7103 CK-COMPONENTS-7103 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
API Technologies Corp
7103 APITECH-7103 Datasheet
410Kb / 1P
   Dual Transformer
More results

Similar Description - 71035-160

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
   SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
   SMOKE DETECTORS
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com