Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71035-160 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # 71035-160
Description  Conventional Two-Wire Smoke Detectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

71035-160 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  71035-160 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 71035-160 Datasheet HTML 2Page - Gamewell-FCI by Honeywell 71035-160 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
CS-2484 Rev. B page 3 of 3
Specifications:
Standby Current:
Photoelectric, combination
photo/heat, or ionization:
30 to 45 µA @ 24 volts.
Alarm Voltage:
6 to 28 volts.
Normal Alarm Output: 52 mA @ 24 volts.
Remote Alarm Output: 20 mA maximum, diode gated.
Temperature Range:
Photo/Comb/Ion/
Thermal
32
°F to 140°F (0°C to 60°C)
Thermal:
-5
° F to 195° F
(-20.5
°C to 90.5°C)
Humidity:
0% to 95% relative humidity
(no condensation)
Recommended
Spacing:
Per NFPA codes.
Alarm Current:
6.0
(15.24 cm) detector base with
relay:
72 mA @ 24 volts.
Ordering Information:
71033
Conventional photoelectric smoke
detector head.
71034
Conventional ionization smoke detec-
tor head.
71443
Conventional combination photo/heat
smoke detector head.
71035
Conventional thermal heat detector
head (135°F [57.2°C]).
71035-160
Conventional thermal heat detector
head (160°F [71.1°C]).
71035-210
Conventional thermal heat detector
head (210°F [98.8°C]).
71036
Conventional 4.0"
(10.16 cm) detector
base.
71086
Conventional 6.0"
(15.24 cm) detector
base.
71086-RED
Conventional 6.0"
(15.24 cm) detector
base with flashing power-indicating
red LED.
71086-GREEN
Conventional 6.0"
(125.24 cm) detector
base with flashing power-indicating
green LED.
71086-SNDR
Conventional 6.0"
(15.24 cm) detector
base with sounder.
71393
Conventional 4.0" (10.16 cm)
detector base with relay and flashing
power-indicating green LED.
71086-LOW
Conventional 6.0"
(15.24 cm) low-pro-
file detector base.


Similar Part No. - 71035-160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7103 ETC1-7103 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7103 FILTRAN-7103 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7103 COTO-7103 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7103 CK-COMPONENTS-7103 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
API Technologies Corp
7103 APITECH-7103 Datasheet
410Kb / 1P
   Dual Transformer
More results

Similar Description - 71035-160

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
   SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
   SMOKE DETECTORS
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com