Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS95-SS Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # MS95-SS
Description  Addressable Manual Pull Station with SmartScan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MS95-SS Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  MS95-SS Datasheet HTML 1Page - Gamewell-FCI by Honeywell MS95-SS Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MS95-L Series
CS-2488
09/01/06
Page 1 of 2
Description
The Gamewell MS95-S Series is
a state-of-the-art, single- or dual-
action pull station that includes
an addressable interface for any
Gamewell 600 Series Fire Alarm
Control Panel (FACP) with
SmartScan™. Because the
MS95-S Series is addressable,
the FACP can display the exact
location of the activated manual
station. This leads fire personnel
quickly to the location of the
alarm.
Operation
Pushing in, then pulling down on
the handle causes it to latch in
the down/activated position. Once
latched, the word “ACTIVATED” (in bright yellow) appears at the top of the
handle, while a portion of the handle protrudes from the bottom of the
station. To reset the station, simply unlock the station with the key and
pull the door open. This action resets the handle; closing the door automati-
cally resets the switch. Each manual station, on command from the control
panel, sends data to the panel representing the state of the manual switch.
Two rotary decimal switches allow address settings.
Construction
Shell,door, and handle are molded of durable LEXAN® (or polycarbonate
equivalent) with a textured finish.
Installation
The MS95-SS or MS95-SD will mount semi-flush into a single-gang, double-
gang, or standard 4" (10.16 cm) square electrical outlet box, or will surface
mount to the Model SB-IO surface backbox. If the MS95-SS or MS95-SD is
being semi-flush mounted, then the optional trim ring (BG-TR) may be
used. The BG-TR is usually needed for semi-flush mounting with 4" (10.16
cm) or double-gang boxes (not with single-gang boxes).
Features
• Maintenance personnel can open station
without causing an alarm condition.
• Built- in LED, which is visible through the
handle of the station, flashes in normal
operation and latches steady read when
in alarm.
• Handle latches in down position and the
word “Activated” appears to clearly
indicate the station has been operated.
• Captive screw terminals wire-ready for
easy connection to SLC loop (accepts up
to 12 AWG/3.1 mm² wire).
• Semi-flush, mounts to a standard single
gang (2.125" [5.3975 cm] minimum
depth), double-gang, or 4" (10.16 cm)
square electrical box.
• Smooth dual-action design.
• Within ADA 5 lb. pull force.
• Highly visible.
• Attractive shape and textured finish.
• Key reset.
• Includes Braille text on station handle.
• Optional trim ring (BG-TR).
• Meets UL 38, standard for manually
actuated signalling boxes.
• Up to 99 MS95-S Series stations per loop
on SmartScan™ protocol systems
• Dua-color LED blinks red to indicate
normal on SmartScan™ systems.
Listings
Listings and approvals below apply to the
basic MS95-S Series pull station. In some
cases, certain modules may not be listed
by certain approval agencies, or listing
may be in process. Consult factory for
latest listing status.
• UL Listed: file S281.
MS95-S Series
Addressable Manual Pull Station
with SmartScan™


Similar Part No. - MS95-SS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
More results

Similar Description - MS95-SS

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
   Analog addressable manual pull station
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
SS-F GAMEWELL-FCI-SS-F Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
PIDP-SS GAMEWELL-FCI-PIDP-SS Datasheet
516Kb / 6P
   Monitor Modules with SmartScan
logo
Molex Electronics Ltd.
TM-638019700 MOLEX2-TM-638019700 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
logo
STMicroelectronics
STEVAL-IFS015V1 STMICROELECTRONICS-STEVAL-IFS015V1 Datasheet
259Kb / 8P
   Manual or programmable control of nodes from the station
logo
Molex Electronics Ltd.
TM-638019100 MOLEX2-TM-638019100 Datasheet
644Kb / 15P
   PT-1500 Auto Grip Pull Tester Operation Manual
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Gamewell-FCI by Honeywe...
AM500 GAMEWELL-FCI-AM500 Datasheet
328Kb / 2P
   Addressable Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com