Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430P313 Datasheet(PDF) 8 Page - Texas Instruments

Part # MSP430P313
Description  MIXED SIGNAL MICROCONTROLLERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430P313 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430P313 Datasheet HTML 4Page - Texas Instruments MSP430P313 Datasheet HTML 5Page - Texas Instruments MSP430P313 Datasheet HTML 6Page - Texas Instruments MSP430P313 Datasheet HTML 7Page - Texas Instruments MSP430P313 Datasheet HTML 8Page - Texas Instruments MSP430P313 Datasheet HTML 9Page - Texas Instruments MSP430P313 Datasheet HTML 10Page - Texas Instruments MSP430P313 Datasheet HTML 11Page - Texas Instruments MSP430P313 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MSP430x31x
MIXED SIGNAL MICROCONTROLLERS
SLAS165D – FEBRUARY 1998 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operation modes and interrupts (continued)
The most general bits that influence current consumption and support fast turn-on from low power operating
modes are located in the status register (SR). Four of these bits control the CPU and the system clock generator:
SCG1, SCG0, OscOff, and CPUOff.
Reserved For Future
Enhancements
15
9
8
7
0
V
SCG1
SCG0
OscOff
CPUOff
GIE
N
Z
C
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the ROM with an address range of
0FFFFh-0FFE0h. The vector contains the 16-bit address of the appropriate interrupt handler instruction
sequence.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up, external reset, watchdog
WDTIFG (see Note 1)
Reset
0FFFEh
15, highest
NMI, oscillator fault
NMIIFG (see Notes 1 and 3)
OFIFG (see Notes 1 and 4)
Nonmaskable,
(Non)maskable
0FFFCh
14
Dedicated I/O P0.0
P0.0IFG
Maskable
0FFFAh
13
Dedicated I/O P0.1
P0 1IFG
Maskable
0FFF8h
12
8-Bit Timer/Counter
P0.1IFG
Maskable
0FFF8h
12
0FFF6h
11
Watchdog Timer
WDTIFG
Maskable
0FFF4h
10
0FFF2h
9
0FFF0h
8
0FFEEh
7
0FFECh
6
Timer/Port
RC1FG, RC2FG, EN1FG
(see Note 2)
Maskable
0FFEAh
5
0FFE8h
4
0FFE6h
3
0FFE4h
2
Basic Timer1
BTIFG
Maskable
0FFE2h
1
I/O Port 0.2 – 7
P0.27IFG (see Note 1)
Maskable
0FFE0h
0, lowest
NOTES:
1. Multiple source flags
2. Timer/port interrupt flags are located in the timer/port registers
3. Non maskable: neither the individual nor the general interrupt enable bit will disable an interrupt event.
4. (Non) maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable bit cannot.


Similar Part No. - MSP430P313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430P313IDL TI-MSP430P313IDL Datasheet
351Kb / 31P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430P313IDL TI1-MSP430P313IDL Datasheet
433Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
More results

Similar Description - MSP430P313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com