Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31077 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # 31077
Description  Analog Addressable Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

31077 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  31077 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 31077 Datasheet HTML 2Page - Gamewell-FCI by Honeywell 31077 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
CS-2490 Rev. A3 page 3 of 3
Specifications
Common Control:
Standby Current:
0.125A
Alarm Current:
0.171A plus signaling circuit
power, plus 0.002A for master box,
or plus 0.022A for reverse-polarity
Input Power:
120 VAC, 3.0A; or 240 VAC, 1.5A
Auxiliary Output:
S+/S–, A+/A–, 2.0 A maximum
Common Relays:
1.0A @ 30 VDC, or 0.5A @ 250
VAC
Notification appliance circuits:
Circuits:
Four Class B, two Class A.
Output:
3.0A maximum@24 VDC per circuit.
Maximum 8.0A total for all circuits.
Analog SLC:
198
396
Standby Current:
0.045A
0.055A
Alarm Current:
0.045A
0.055A
Panel Dimensions:
Standard Cabinet: 20.0" H x 14.0" W x 4.5" D
(50.8 H x 35.6 W x 11.4 D cm)
XL Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.9 W x 13.97 D cm)
Battery Storage Dimensions:
Standard Cabinet: 6.0" H x 9.0" W x 4.5" D
(15.24 H x 22.86 x 11.43 D cm)
XL Cabinet:
14" H x 22.0" W x 5.5" D
(35.56 H x 55.88 W x 13.97 D cm)
Relative Humidity: 93% non-condensing
Temperature
Rating:
32°F – 120°F (0°C – 49°C)
Ordering Information
Model
Description
IF602SS-198R IF602SS Analog Addressable System
with Velociti consisting of the following:
• IF602SS common control
• 8 amp. main power supply
• One (1) analog circuit module
(198 analog addressable points)
• Standard cabinet assembly
(CAB-602R)
Standard Cabinet:
20.0” H x 14.0” W x 4.5” D
(50.8 H x 35.6 W x 11.4 D cm)
IF602SS-198XL 198 point/one SLC IF602SS in extra-large
housing allowing space for battery
storage (Refer to IF602SS-198R model
listed above).
Extra-large Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.88 W x 13.97 D cm)
IF602SS-396R IF602SS analog addressable system with
Velociti, consisting of the following:
• IF602SS common control.
• 8 amp main power supply.
• Two (2) analog circuits module
(396 analog addressable points).
• Standard cabinet assembly
(CAB-602R).
Standard Cabinet:
20.0” H x 14.0” W x 4.5” D
(50.8 H x 35.56 W x 11.43 D cm)
IF602SS-396XL 396 point/two (2) SLC IF602SS (refer to
IF602SS-396R above) in extra-large
housing, allowing space for battery
storage.
Extra-large Cabinet:
30.0" H x 22.0" W x 5.5" D
(76.2 H x 55.88 W x 13.97 D cm)
52358
IdentiFlex 602SS Analog/Addressable
Fire Alarm Control Panel Installation and
Operation Manual
31077
CTM-602, city-tie/remote signaling
module for 602 Series panels.
31078
ISO-232, RS-232 serial-port isolator
module for 602 Series panels.
31079
CLA-602, Class “A” adapter module for
SLC, 602 Series panels.


Similar Part No. - 31077

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310771 METZ-310771 Datasheet
321Kb / 5P
   pin header, solderable
More results

Similar Description - 31077

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com